Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZHT431 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZHT431
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHT431 Datasheet(HTML) 6 Page - Diodes Incorporated

  ZHT431 Datasheet HTML 1Page - Diodes Incorporated ZHT431 Datasheet HTML 2Page - Diodes Incorporated ZHT431 Datasheet HTML 3Page - Diodes Incorporated ZHT431 Datasheet HTML 4Page - Diodes Incorporated ZHT431 Datasheet HTML 5Page - Diodes Incorporated ZHT431 Datasheet HTML 6Page - Diodes Incorporated ZHT431 Datasheet HTML 7Page - Diodes Incorporated ZHT431 Datasheet HTML 8Page - Diodes Incorporated ZHT431 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ZHT431
Document number: DS32157 Rev. 12 - 2
6 of 9
www.diodes.com
April 2018
© Diodes Incorporated
ZHT431
Application Circuits
R2
Vout =
1 +
R1
R2
Vref
V+
Vout
R1
30
Ω
0.01µF
Vref
Vout =
1 +
R1
R2
Vref
Vout
= Vref + Vreg
M IN
R2
R1
+
Vout
Vref
ZSR***
In
Out
Common
R2
R1
V+Vout
Vout =
Vref
1 +
R1
R2
Vref
V+
Output
Input
V
= 2.5V
TH
V
2V
on
V
= V+
off
R2A
R1A
V+
Vref
R2B
R1B
Vref
1 +
R1B
R2B
Vref
Low limit =
High limit =
1 +
R1A
R2A
Vref
R2
R1
Vout =
Vref
1 +
R1
R2
Vref
V+Vout
Output
Higher current shunt regulator
Shunt regulator
Series regulator
Output control of a
three terminal fixed regulator
Single supply comparator
with temperature
compensated threshold
Over voltage / under voltage
protection circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com