Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZHT431 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZHT431
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHT431 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZHT431 Datasheet HTML 1Page - Diodes Incorporated ZHT431 Datasheet HTML 2Page - Diodes Incorporated ZHT431 Datasheet HTML 3Page - Diodes Incorporated ZHT431 Datasheet HTML 4Page - Diodes Incorporated ZHT431 Datasheet HTML 5Page - Diodes Incorporated ZHT431 Datasheet HTML 6Page - Diodes Incorporated ZHT431 Datasheet HTML 7Page - Diodes Incorporated ZHT431 Datasheet HTML 8Page - Diodes Incorporated ZHT431 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ZHT431
Document number: DS32157 Rev. 12 - 2
3 of 9
www.diodes.com
April 2018
© Diodes Incorporated
ZHT431
Typical Operating Conditions
-50
125
-25
100
0
75
25
50
90
100
110
Temperature (°C)
I
vs. Temperature
R EF
120
130
140
150
160
170
0
20
15
5
10
-25
-20
C athode Voltage (V)
Change in V
vs. Cathode Voltage
REF
-15
-10
-5
0
I = 10mA
Z
-50
125
-25
100
0
75
25
50
24
26
28
32
30
34
36
38
40
Temperature (°C )
I
vs. Temperature
Z MIN
100
1K
10K
100K
1M
Frequency (Hz)
Dynamic Impedance vs. Frequency
100
10
1.0
0.1
V
= V
REF
Z
1mA
10mA
-50
125
-25
100
0
75
25
50
2.502
2.486
2.500
2.488
2.498
2.490
2.492
2.494
2.496
Temperature ( C)
°
V
vs. Temperature
REF
0
150
25
125
50
100
75
0
0.1
0.2
0.3
0.4
0.5
Ambient Temperature (°C )
Power Dissipation D erating



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com