Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZHT431 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZHT431
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHT431 Datasheet(HTML) 7 Page - Diodes Incorporated

  ZHT431 Datasheet HTML 1Page - Diodes Incorporated ZHT431 Datasheet HTML 2Page - Diodes Incorporated ZHT431 Datasheet HTML 3Page - Diodes Incorporated ZHT431 Datasheet HTML 4Page - Diodes Incorporated ZHT431 Datasheet HTML 5Page - Diodes Incorporated ZHT431 Datasheet HTML 6Page - Diodes Incorporated ZHT431 Datasheet HTML 7Page - Diodes Incorporated ZHT431 Datasheet HTML 8Page - Diodes Incorporated ZHT431 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ZHT431
Document number: DS32157 Rev. 12 - 2
7 of 9
www.diodes.com
April 2018
© Diodes Incorporated
ZHT431
Ordering Information
ZHT431 X X X
Packing
Package
F : SOT23 (Type DN)
Tolerance
01 : 1.0%
TA : 7
" Tape & Reel
M : 0.5%
02 : 2%
Part Number
Tolerance
(%)
Package
(Note 5)
Part Mark
Reel Size
(inches)
Quantity
per reel
Tape
Width
Status
(Note 4)
ZHT431F01TA
1
SOT23
(Type DN)
43C
7
3000
8mm
In Production
ZHT431F01-7
1
SOT23
(Type DN)
43C
7
3000
8mm
End of Life
ZHT431FMTA
0.5
SOT23
(Type DN)
43P
7
3000
8mm
In Production
ZHT431F02TA
2
SOT23
(Type DN)
43D
7
3000
8mm
In Production
Notes:
4. ZHT431F01-7 is End of Life without any alternative.
5. For packaging details, go to our website at: https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
SOT23 (Type DN)
(Top View)
XXX : Part Mark



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com