Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC2016S Datasheet(PDF) 4 Page - Sanken electric

Part # SSC2016S
Description  Critical Conduction Mode PFC Control IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2016S Datasheet(HTML) 4 Page - Sanken electric

  SSC2016S Datasheet HTML 1Page - Sanken electric SSC2016S Datasheet HTML 2Page - Sanken electric SSC2016S Datasheet HTML 3Page - Sanken electric SSC2016S Datasheet HTML 4Page - Sanken electric SSC2016S Datasheet HTML 5Page - Sanken electric SSC2016S Datasheet HTML 6Page - Sanken electric SSC2016S Datasheet HTML 7Page - Sanken electric SSC2016S Datasheet HTML 8Page - Sanken electric SSC2016S Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SSC2016S
SSC2016S - DSJ Rev.1.3
SANKEN ELECTRIC CO.,LTD.
4
Jul. 22, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
2.
Electrical Characteristics
Current polarities are defined as follows: a current flow going into the IC (sinking) is positive current (+); and a
current flow coming out of the IC (sourcing) is negative current (
−).
Unless specifically noted, TA = 25 °C, VCC = 14 V.
Parameter
Symbol
Conditions
Pins
Min.
Typ.
Max.
Unit
Power Supply Operation
Operation Start Voltage
VCC(ON)
8 – 6
7.5
8.5
9.5
V
Operation Stop Voltage
VCC(OFF)
8 – 6
6.5
7.5
8.5
V
Operation Voltage Hysteresis
VCC(HYS)
8 – 6
0.5
1.0
1.5
V
Circuit Current in Operation
ICC(ON)
8 – 6
1.2
2.1
3.2
mA
Circuit Current in Non-Operation
ICC(OFF)
VCC = 7 V
8 – 6
–
50
100
µA
Frequency Control
FB Pin Sink Current
IFB
1 – 6
0.3
0.7
1.1
µA
Feedback Voltage Reference
VREF
1 – 6
2.475
2.500
2.525
V
VREF Line Regulation
VREF(LR)
VCC = 11.5 V
~
28 V
1 – 6
− 8.0
1.0
12.0
mV
COMP Pin Source Current 1
ICOMP(SRC)1 VFB = 2.4 V
3 – 6
− 22
− 11
− 1
µA
COMP Pin Sink Current 1
ICOMP(SNK)1 VFB = 2.6 V
3 – 6
1
11
22
µA
COMP Pin Sink Current 2
ICOMP(SNK)2 VFB = 2.7 V
3 – 6
15
35
55
µA
Error Amplifier Transconductance
Gain
gm
1 – 6
3 – 6
60
100
140
µS
Zero Duty COMP Voltage
VCOMP(ZD)
3 – 6
0.50
0.65
0.90
V
Restart Time
tRS
7 – 6
140
220
300
µs
ON Time in Restart Operation
tON(RS)
7 – 6
0.5
1.7
2.9
µs
CT Pin Source Current
ICT
2 – 6
− 165
− 150
− 135
µA
CT Pin Threshold Voltage
VCT(OFF)
VCOMP = 4.5V
2 – 6
2.60
2.75
2.90
V
CT Pin Delay Time of Control
tDLY(PWM)
VCOMP = 2.2V
2 – 6
−
120
220
ns
Maximum Switching Frequency
(1)
fMAX
7 – 6
−
300
400
kHz
Drive Output
Output Voltage (High)
VOH
IOUT = –100 mA
7 – 6
10.0
12.0
13.5
V
Output Voltage (low)
VOL
IOUT = 200 mA
7 – 6
0.40
0.75
1.25
V
Output Rise Time
(2)
tr
COUT = 1000 pF
7 – 6
−
60
120
ns
Output Fall Time
(2)
tf
COUT = 1000 pF
7 – 6
−
20
70
ns
Zero Current Detection
(1) Design assurance item
(2) Shown in Figure 3-1
tr
tf
VOUT
10%
90%
Figure 3-1 Switching time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com