Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC2016S Datasheet(PDF) 1 Page - Sanken electric

Part # SSC2016S
Description  Critical Conduction Mode PFC Control IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2016S Datasheet(HTML) 1 Page - Sanken electric

  SSC2016S Datasheet HTML 1Page - Sanken electric SSC2016S Datasheet HTML 2Page - Sanken electric SSC2016S Datasheet HTML 3Page - Sanken electric SSC2016S Datasheet HTML 4Page - Sanken electric SSC2016S Datasheet HTML 5Page - Sanken electric SSC2016S Datasheet HTML 6Page - Sanken electric SSC2016S Datasheet HTML 7Page - Sanken electric SSC2016S Datasheet HTML 8Page - Sanken electric SSC2016S Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Critical Conduction Mode PFC Control IC
SSC2016S
Data Sheet
SSC2016S - DSJ Rev.1.3
SANKEN ELECTRIC CO.,LTD.
1
Jul. 22, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
Description
SSC2016S is a Critical Conduction Mode (CRM)
control IC for power factor correction (PFC).
Since no input voltage sensing is required, the IC
allows the realization of low standby power and the low
number of external components. The product achieves
high
cost-performance
and
high
efficiency
PFC
converter system.
Features
● Low Standby Power
(No input voltage sensing required)
● Maximum Switching Frequency Limitation Function
● Minimum On-time Limitation Function
● Restart Function
● Protection Functions
Overcurrent Protection 1 (OCP1): Pulse-by-pulse
Overcurrent Protection 2 (OCP2): Latched shutdown
Overvoltage Protection (OVP): Auto-restart
FB
Pin
Undervoltage
Protection
(FB_UVP):
Auto-restart
Thermal Shutdown Protection with hysteresis (TSD):
Auto-restart
Typical Application
VAC
C1
BR1
P
C2
RVS2
VOUT
VCC
OUT
CT
FB
CS
GND
ZCD
8
7
6
5
SSC2016S
U1
1
2
4
3
COMP
CS
RS
C7
External power
supply
R5
C4
C5
C6
C3
Q1
DFW
DBYP
R2
R3
R4
LINE
GND
RVS1
RCS
D
D1
T1
R1
TC_SSC2016S_1_R2
CP
Package
SOIC8
Not to Scale
Electrical Characteristics
● VCC Pin Absolute Maximum Ratings, V
CC = 28 V
● OUT Pin Source Current, I
OUT(SRC)
= −500 mA
● OUT Pin Sink Current, I
OUT(SNK) = 1000 mA
Application
PFC circuit up to 200 W of output power such as:
● AC/DC Power Supply
● Digital Appliances (large size LCD television and so
forth).
● OA Equipment (Computer, Server, Monitor, and so
forth).
● Communication Facilities
● Other Switching Mode Power Supply, SMPS
1
5
6
7
8
4
2
FB
CT
CS
ZCD
OUT
VCC
GND
COMP
3


Similar Part No. - SSC2016S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC200 ETC-SSC200 Datasheet
22Kb / 2P
Enclosure Management Controller Product Brief
logo
Sanken electric
SSC2000 SANKEN-SSC2000 Datasheet
85Kb / 2P
Power Factor Correction (PFC) Controller IC of Continuous Conduction Mode (CCM) type
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
Power Factor Correction Continuous Conduction Mode Controller
SSC2005SC SANKEN-SSC2005SC Datasheet
489Kb / 19P
Critical Conduction Mode PFC Control IC
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
Critical Conduction Mode PFC Control IC
More results

Similar Description - SSC2016S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20113DD RENESAS-R2A20113DD Datasheet
113Kb / 7P
Critical Conduction Mode PFC Control IC
R2A20113SP RENESAS-R2A20113SP_09 Datasheet
107Kb / 7P
Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP Datasheet
113Kb / 13P
Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_15 Datasheet
130Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP_15 Datasheet
116Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20133BSP RENESAS-R2A20133BSP_15 Datasheet
116Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
Critical Conduction Mode PFC Control IC
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP_V01 Datasheet
280Kb / 13P
Critical Conduction Mode PFC Control IC
Jan 08, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com