Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC2016S Datasheet(PDF) 17 Page - Sanken electric

Part # SSC2016S
Description  Critical Conduction Mode PFC Control IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2016S Datasheet(HTML) 17 Page - Sanken electric

Back Button SSC2016S Datasheet HTML 13Page - Sanken electric SSC2016S Datasheet HTML 14Page - Sanken electric SSC2016S Datasheet HTML 15Page - Sanken electric SSC2016S Datasheet HTML 16Page - Sanken electric SSC2016S Datasheet HTML 17Page - Sanken electric SSC2016S Datasheet HTML 18Page - Sanken electric SSC2016S Datasheet HTML 19Page - Sanken electric SSC2016S Datasheet HTML 20Page - Sanken electric SSC2016S Datasheet HTML 21Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
SSC2016S
SSC2016S - DSJ Rev.1.3
SANKEN ELECTRIC CO.,LTD.
17
Jul. 22, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
9.2.7
VCC Pin Peripheral Circuit
< Using External Power Supply >
Figure 9-4 shows the VCC pin peripheral circuit. The
value of capacitor C7 is set approximately 1000 pF, in
order to reduce the switching noise.
COMP
GND
U1
3
6
CP
CS
RS
C7
VCC
8
External
power supply
Figure 9-4.
VCC Pin Peripheral Circuit
(Power supply from external power supply)
< Using Auxiliary Winding D for VCC supply >
Figure 9-5 shows the VCC pin peripheral circuit when
VCC pin is supplied from auxiliary winding.
● R
ST
The value of startup resistor, RST is selected so that
the current more than ICC(OFF) = 100 µA (max.) can be
supplied to VCC pin at startup.RST is expressed as
follows:
RST<√2×VACRMS(MIN)−VCC(ON)max.
ICC(OFF)max. (Ω) (17)
Where, VACRMS(MIN) is Minimum AC input voltage
rms value (V)
When the specification of AC input voltage is 100 V
or Universal, the value of RST is approximately
100 k
Ω to 220 kΩ. When the specification of AC
input voltage is 230 V, the value of RST is
approximately 180 k
Ω to 330 kΩ.
The rating of RST is chosen taking into account the
loss of RST at maximum input voltage. Since the high
voltage is applied to resistor, choose a resistor
designed against electromigration or use a series
combination of resistors.
● C
VCC
The approximate startup time is determined by the
value of CVCC. It is calculated as follows where the
initial voltage of VCC pin is zero.
tSTART≈ C7×VCC(ON)
√2×VACRMS−VCC(ON)
RST −ICC(OFF)(s) (18)
In general, power supply applications, CVCC, is
approximately 22 µF to 47 µF.
● R
Z, CCP and DZVCC
The circuit consists of RZ, CCP and RZ is the boost
circuit of VCC pin.
RZ is the limiting resistor for the breakdown current of
DZVCC. The RZ value is approximately 150
Ω.
CCP is charged when Q1 is in ON state. The CCP value
is approximately 22 nF.
Since the absolute maximum rating value of VCC pin
is 28 V, the zener voltage of DZVCC is chosen to be
less than it.
● C7
If CVCC and the VCC pin are distant from each other,
a capacitor C7 should be placed as close as possible to
the VCC pin. C7 is approximately 1000 pF, in order
to reduce the switching noise.
T1
C1
P
D
DVCC
RCS
RST
VCC
GND
U1
8
6
CVCC
VD
CCP
DZVCC
RZ
Q1
DFW
VOUT
LINE
GND
VAC
VB
VCCP
C7
Figure 9-5.
VCC Pin Peripheral Circuit
(Power supply from auxiliary winding)
9.2.8
Power MOSFET, Q1
Choose a power MOSFET having proper margin of
VDSS against output voltage, VOUT. The size of heat sink
is chosen taking into account some loss by switching
and ON resistance of MOSFET.
The loss PRDS(ON) by on-resistance, RDS(ON) of power
MOSFET is calculated using IDRMS of the result of
Equation (12) as follows:
PRDS(ON)=IDRMS2×RDS(ON)125
°
C
(W) (19)
Where
RDS(ON)125°C:
ON
resistance
of
MOSFET
at
Tch = 125 °C
(Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com