Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90372 Datasheet(PDF) 39 Page - Melexis Microelectronic Systems

Part # MLX90372
Description  Triaxis짰Position Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90372 Datasheet(HTML) 39 Page - Melexis Microelectronic Systems

Back Button MLX90372 Datasheet HTML 35Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 36Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 37Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 38Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 39Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 40Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 41Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 42Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 43Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
ML90372 Triaxis® Position Processor
Datasheet
REVISION 7 - March 23, 2018
Page 39 of 83
3901090372
#
8bit ID
Item
Source data
38
0x96
OEM Code #5
SENT_OEM_CODE7 from NVRAM
39
0x01
Diagnostic error code
Current status code from RAM
40
0x97
OEM Code #8
SENT_OEM_CODE8 from NVRAM
Table 42 - SENT Slow Channel Extended Data Sequence
#
8bit ID
Item
source data
25
0x80
Field Strength
Bfield_norm from RAM
(standard sequence)
41
0x80
Field Strength
Bfield_norm from RAM
(extended sequence)
Table 43 - SENT Slow Channel Magnetic Field Norm ID and position
For Field Strength encoding, see chapter 8, Magnetic Field Specifications, under the section
corresponding to the application and section 13.5.4.
11.1.8. Serial Message Error Code
The list of error and status messages transmitted in the 12-bit Serial Message data field when Serial
Message 8-bit ID is 0x01, is given in the Table 44. The error is one-hot encoded and therefore each bit is
linked to one or several monitor. Only the first error detected is reported and serial message error code
will not be updated until all the errors have disappeared. This mechanism ensures only one error at a
time takes control of the error debouncing counter (see 13.5.2).
The MSB acts as an error Flag when SENT_DIAG_STRICT is set. This bit will be high only when an error is
present. For compatibility with previous Triaxis®, this bit can be kept high even if no error is present
(SENT_DIAG_STRICT = 0).
Bit Nb
12 Bit Data (hex)
Diagnostic
Comments
-
0x000 / 0x800
No error
Programmable (SENT_DIAG_STRICT, see
Table 48, chap.12, #138)
0
0x801
GainOOS
Gain out of spec (see GAIN_MIN,
GAIN_MAX)
1
0x802
FieldTooLow
Fieldstrength is below defined low
threshold (see 13.5.4)
2
0x804
FieldTooHigh
Fieldstrength is above defined high
threshold (see 13.5.4)
3
0x808
ADCclip
ADC is saturated, either low or high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com