Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90372 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX90372
Description  Triaxis짰Position Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90372 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX90372 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
ML90372 Triaxis® Position Processor
Datasheet
REVISION 7 - March 23, 2018
Page 21 of 83
3901090372
Parameter
Symbol
Min
Typ
Max
Unit
Condition
For SENT without pause (asynchronous), 1.5μs tick time
(9)
SENT startup time
Tstup
6.42
6.50
6.56
ms
Until first valid angle received
Average Latency
(9)
Tlatcy
0.91
1.17
1.70
0.91
1.21
1.80
-
ms
Filter = 0 (no filter)
Filter = 1 (FIR11)
Filter = 2 (FIR1111)
(8)
Step Response (worst
case)
TwcStep
-
1.76
2.29
3.34
1.94
2.54
3.72
ms
Filter = 0 (no filter)
Filter = 1 (FIR11)
Filter = 2 (FIR1111)
(8)
Table 17 - Asynchronous SENT Mode Timing Specifications
7.4.2. MLX90372 ACC Default SENT Timing specifications
MLX90372 ACC versions come with the following typical default programming that differs from ACE/ADE
version (see chapter 12, item no 134, T_FRAME).
Parameter
Symbol
Min
Typ
Max
Unit
Condition
SENT Frame Tick Count
(Normal SENT)
NTframe
-
366
-
ticks
For tick time of 3μs (Normal
SENT) and two angles per frame
Table 18 - Default ACC Synchronous SENT frame length
For this typical value, the timing performances are described in the next table (Table 19 - Synchronous
SENT mode ACC default timing specificationsTable 19). ACC has the same timing capabilities than the ACE
and can be programmed in a similar way. When the ACC default programming is changed to match the
one of ACE/ADE, timing performances are equivalent. For timing performances not described in this
section, refer to the Table 14 and section 7.4.1.
Parameter
Symbol
Min
Typ
Max
Unit
Condition
For SENT with pause (synchronous), 3μs tick time, 2 angles per SENT frame
SENT startup time
Tstup
-
7.18
-
ms
Until first valid angle received
Average Latency
Tlatcy
-
1.79
2.33
-
ms
Filter = 1 (FIR11)
Filter = 2 (FIR1111)
(10)
Step Response (worst
case)
TwcStep
-
3.28
4.38
-
ms
Filter = 1 (FIR11)
Filter = 2 (FIR1111)
(8)
For SENT with pause (synchronous), 3μs tick time, 1 angle per SENT frame
(11)
10 See section 13.4 for details concerning Filter parameter
11 Need experimental/formal confirmation, data based on simulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com