Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90372 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX90372
Description  Triaxis짰Position Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90372 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90372 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
ML90372 Triaxis® Position Processor
Datasheet
REVISION 7 - March 23, 2018
Page 13 of 83
3901090372
6. General Electrical Specifications
General electrical specifications are valid for temperature range [-40;160] °C and supply voltage range
[4.5;5.5] V unless otherwise noted.
Electrical Parameter
Symbol
Min
Typ
Max
Unit
Condition
Supply Voltage
VDD
4.5
5
5.5
V
For voltage regulated mode
Supply Voltage Battery
VDD
6
12
18
V
For Battery usage
(4)
Supply Current
(3)
IDD
9.0
10.5
12.6
mA
Rotary and linear stray field
applications (option code -100, -
200, -500)
Supply Current
(3)
IDD
8.0
9.0
10.5
mA
Legacy applications (option code
-300)
Surge Current
Isurge
-
30
40
mA
Startup current (without
capacitor charge transient,
tstartup < 40µs)
Start-up Level (rising)
VDDstartH
3.95
4.1
4.25
V
Start-up Hysteresis
VDDstartHyst
150
200
250
mV
PTC Entry Level (rising)
VPROV0
7.10
7.35
7.60
V
Supply overvoltage detection in
5V applications
(4)
PTC Entry Level
Hysteresis
VPROV0Hyst
400
500
600
mV
PTC Entry Level (rising)
VPROV1
21.5
22.5
23.5
V
For Battery usage
(4)
Under voltage detection
VDDUVL
3.75
3.90
4.05
V
Supply voltage low threshold
Under voltage detection
hysteresis
VDDUVHyst
150
200
250
mV
Regulated Voltage
VDEC
3.2
3.3
3.4
V
Internal analog voltage
Regulated Voltage over
voltage detection
VDECOVH
3.65
3.75
3.85
V
High threshold
Regulated Voltage under
voltage detection
VDECUVL
2.70
2.85
2.92
V
Low threshold
Regulated Voltage UV /
OV detection hysteresis
VDECOVHyst
VDECUVHyst
100
150
200
mV
Power-On reset (rising)
VPOR
1.585
1.680
1.735
V
Refers to internal digital
regulator voltage
Power-On reset
Hysteresis
VPORHyst
30
100
200
mV
Table 10 - Supply System Electrical Specifications
3 For the dual die version, the supply current is multiplied by 2.
4 Selection between 5V or battery applications is done using WARM_ACT_HIGH parameter. See chap. 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com