Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1014N Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1014N
Description  60V, 400mA Normally-Open Single-Pole 4-Pin SOP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1014N Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1014N Datasheet HTML 1Page - IXYS Corporation CPC1014N Datasheet HTML 2Page - IXYS Corporation CPC1014N Datasheet HTML 3Page - IXYS Corporation CPC1014N Datasheet HTML 4Page - IXYS Corporation CPC1014N Datasheet HTML 5Page - IXYS Corporation CPC1014N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1014N-R06
1
CPC1014N
60V, 400mA Normally-Open
Single-Pole 4-Pin SOP Relay
Part #
Description
CPC1014N
4-Pin SOP (100/tube)
CPC1014NTR
4-Pin SOP (2000/reel)
Parameter
Rating
Units
Blocking Voltage
60
V
P
Load Current
400
mA
rms / mADC
On-Resistance (max)
2
LED Current to operate
2
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Security
• Passive Infrared Detectors (PIR)
• Data Signalling
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls
• Designed for use in security systems complying
with EN50130-4
• 1500V
rms Input/Output Isolation
• Small 4-Pin SOP Package
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Immune to radiated EM fields
• Tape & Reel Version Available
• Flammability Rating UL 94 V-0
The CPC1014N is a miniature single-pole,
normally-open (1-Form-A) solid state relay in a
4-pin SOP package that employs optically coupled
MOSFET technology to provide 1500V
rms of input
to output isolation. The super efficient MOSFET
switches and photovoltaic die use IXYS Integrated
Circuits Division’s patented OptoMOS architecture.
The optically coupled output is controlled by a highly
efficient infrared LED.
IXYS Integrated Circuits Division’s state of the art,
double-molded vertical construction packaging makes
the CPC1014N one of the world’s smallest relays.
It offers board space savings over the competitor’s
larger 4-pin SOP relay.
Switching Characteristics
of Normally-Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
Approvals
1
2
3
4
+ Control
– Control
Load
Load
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 13 12 82667 003


Similar Part No. - CPC1014N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1014N CLARE-CPC1014N Datasheet
114Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1014NTR CLARE-CPC1014NTR Datasheet
114Kb / 5P
4-Pin SOP OptoMOS짰 Relay
More results

Similar Description - CPC1014N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1106N IXYS-CPC1106N Datasheet
135Kb / 6P
60V Normally-Closed Single-Pole 4-Pin SOP OptoMOS짰 Relay
CPC1114N IXYS-CPC1114N Datasheet
134Kb / 6P
60V Normally-Closed Single-Pole 4-Pin SOP OptoMOS짰 Relay
CPC1002N IXYS-CPC1002N Datasheet
171Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1006N IXYS-CPC1006N Datasheet
167Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1008N IXYS-CPC1008N Datasheet
134Kb / 6P
Single-Pole, Normally Open 4-Pin SOP OptoMOS Relay
CPC1017N IXYS-CPC1017N Datasheet
137Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1018N IXYS-CPC1018N Datasheet
169Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1025N IXYS-CPC1025N Datasheet
167Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1117N IXYS-CPC1117N Datasheet
172Kb / 6P
60V Normally-Closed Single-Pole 4-Pin SOP OptoMOS Relay
CPC1019N IXYS-CPC1019N Datasheet
173Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com