Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1014N Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1014N
Description  60V, 400mA Normally-Open Single-Pole 4-Pin SOP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1014N Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1014N Datasheet HTML 1Page - IXYS Corporation CPC1014N Datasheet HTML 2Page - IXYS Corporation CPC1014N Datasheet HTML 3Page - IXYS Corporation CPC1014N Datasheet HTML 4Page - IXYS Corporation CPC1014N Datasheet HTML 5Page - IXYS Corporation CPC1014N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R06
CPC1014N
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.
PERFORMANCE DATA*
-40
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-20
0
20
40
60
80
100
Temperature (ºC)
I
F=5mA
I
F=10mA
Turn-On Time vs. Temperature
(I
L=80mA)
-40
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
-20
0
20
40
60
80
100
Turn-Off Time vs. Temperature
(I
L=80mA)
Temperature (ºC)
I
F=5mA
I
F=10mA
-40
0.9
0.8
0.7
0.6
0.5
0.4
0.3
-20
0
20
40
60
80
100
Steady State
Temperature (ºC)
I
F=5mA
I
F=10mA
Typical On-Resistance vs. Temperature
(I
L=200mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.16
0.20
0.24
0.28
0.32
0.36
Typical I
F for Switch Operation
vs. Temperature
(I
L=200mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.28
Typical I
F for Switch Dropout
vs. Temperature
(I
L=200mA)
0.36
0.24
0.20
0.16
0.32
Load Voltage (V)
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
-500
-400
-300
-200
-100
0
100
200
300
400
500
Typical Load Current vs. Load Voltage
(I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
Maximum Load Current vs. Temperature
(I
F=2mA)
-40
72
70
68
66
64
62
60
58
-20
0
20
40
60
80
100
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 3&4
(V
L=60V)
Temperature (ºC)
Load Voltage (V)
0
10
2030
4050
0
25
50
75
100
125
150
175
200
Output Capacitance vs. Load Voltage
(I
F=0mA, f=1MHz)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0
100
200
300
400
500
600
700
800
900
1000
1100
Energy Rating Curve
(I
F=2mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com