Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1014N Datasheet(PDF) 6 Page - IXYS Corporation

Part # CPC1014N
Description  60V, 400mA Normally-Open Single-Pole 4-Pin SOP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1014N Datasheet(HTML) 6 Page - IXYS Corporation

  CPC1014N Datasheet HTML 1Page - IXYS Corporation CPC1014N Datasheet HTML 2Page - IXYS Corporation CPC1014N Datasheet HTML 3Page - IXYS Corporation CPC1014N Datasheet HTML 4Page - IXYS Corporation CPC1014N Datasheet HTML 5Page - IXYS Corporation CPC1014N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS Integrated
Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its
products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical harm, injury, or death to a person or severe
property or environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1014N-R06
©Copyright 2018,
IXYS Integrated Circuits Division
OptoMOS® is a registered trademark of
IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
1/30/2018
For additional information please visit our website at: www.ixysic.com
6
CPC1014N
MECHANICAL DIMENSIONS
Dimensions
mm
(inches)
NOTE: All dimensional tolerances per Standard EIA-481-2 except as noted
Embossment
Embossed
Carrier
330.2 Dia
(13.00 Dia)
Top Cover
Tape Thickness
0.102 Max
(0.004 Max)
User Direction of Feed
User Direction of Feed
K
0=2.70
(0.106)
K
1=2.30
(0.091)
B
0=4.70
(0.185)
W=12.00
(0.472)
P1=8.00
(0.315)
A
0=6.50
(0.256)
CPC1014N
CPC1014NTR Tape & Reel
Recommended PCB Land Pattern
2.54
(0.10)
5.50
(0.217)
1.45
(0.057)
0.55
(0.022)
Dimensions
mm
(inches)
Pin 1
4.089
± 0.025
(0.161
± 0.001)
2.54 Typ
(0.100 Typ)
6.096
± 0.102
(0.240
± 0.004)
3.810
± 0.025
(0.150
± 0.001)
0.559
± 0.127
(0.022
± 0.005)
0.910
± 0.025
(0.036
± 0.001)
2.030
± 0.025
(0.080
± 0.001)
0.381 TYP.
(0.015 TYP.)
Package standoff:
0.064 ± 0.040
(0.0025 ± 0.0015)
0-0.1
(0-0.004)
0.481
(0.019)
0.203 Typ
(0.008 Typ)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com