Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX4340NE Datasheet(PDF) 4 Page - IXYS Corporation

Part # IX4340NE
Description  5-Ampere, Dual Low-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4340NE Datasheet(HTML) 4 Page - IXYS Corporation

  IX4340NE Datasheet HTML 1Page - IXYS Corporation IX4340NE Datasheet HTML 2Page - IXYS Corporation IX4340NE Datasheet HTML 3Page - IXYS Corporation IX4340NE Datasheet HTML 4Page - IXYS Corporation IX4340NE Datasheet HTML 5Page - IXYS Corporation IX4340NE Datasheet HTML 6Page - IXYS Corporation IX4340NE Datasheet HTML 7Page - IXYS Corporation IX4340NE Datasheet HTML 8Page - IXYS Corporation IX4340NE Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
4
www.ixysic.com
R05
IX4340
1.5 Electrical Characteristics
VCC = 12V, TJ = -40°C to +125°C, unless otherwise noted.
1.6 Thermal Characteristics
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Supply
Supply Current
OUTA and OUTB Open
ICC
-1.4
2.5
mA
Under Voltage Lockout (UVLO)
UVLO Rising Threshold
VCC Rising
UVLOON
3.5
3.85
4.2
V
UVLO Falling Threshold
VCC Falling
UVLOOFF
3.1
3.3
3.5
UVLO Threshold Hysteresis
-
UVLOHYS
0.2
0.5
0.8
Logic Inputs (INA, INB, ENA, ENB)
Input Low Voltage
-
VIL
--
0.8
V
Input High Voltage
-
VIH
2.5
-
-
Output Drivers (OUTA, OUTB)
Output Pull-Up Resistance
IOUT = -100mA, TJ = 25°C
ROH
-1
1.5
IOUT = -100mA
-1.3
1.8
Output Pull-Down Resistance
IOUT = 100mA, TJ = 25°C
ROL
-0.6
1.1
IOUT = 100mA
-0.8
1.4
Rise Time
CLOAD = 1.8nF
tR
-7
15
ns
Fall Time
CLOAD = 1.8nF
tF
-7
15
Propagation Delay, Low to High
CLOAD = 1.8nF
tDLH
516
30
Propagation Delay, High to Low
CLOAD = 1.8nF
tDHL
516
30
Propagation Delay Matching
-
tM
-5
-
5
Parameter
Symbol
Rating
Units
IX4340N Thermal Impedance, Junction to Ambient
JA
120
°C/W
IX4340NE Thermal Impedance, Junction-to-Ambient
JA
85
IX4340NE Thermal Impedance, Junction-to-Case
JC
10
IX4340UE Thermal Impedance, Junction-to-Ambient
JA
40
IX4340UE Thermal Impedance, Junction-to-Case
JC
10
10%
90%
t
DLH
t
DHL
t
R
t
F
V
IH
V
IL
INx
OUTx



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com