Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX4340NE Datasheet(PDF) 6 Page - IXYS Corporation

Part # IX4340NE
Description  5-Ampere, Dual Low-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4340NE Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IX4340NE Datasheet HTML 2Page - IXYS Corporation IX4340NE Datasheet HTML 3Page - IXYS Corporation IX4340NE Datasheet HTML 4Page - IXYS Corporation IX4340NE Datasheet HTML 5Page - IXYS Corporation IX4340NE Datasheet HTML 6Page - IXYS Corporation IX4340NE Datasheet HTML 7Page - IXYS Corporation IX4340NE Datasheet HTML 8Page - IXYS Corporation IX4340NE Datasheet HTML 9Page - IXYS Corporation IX4340NE Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
6
www.ixysic.com
R05
IX4340
Supply Voltage (V)
46
8
10
12
14
16
18
20
22
4
5
6
7
8
9
10
11
Fall Time vs. Supply Voltage
(C
L=1.8nF )
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
6.00
6.25
6.50
6.75
7.00
Fall Time vs. Temperature
(V
CC=12V, CL=1.8 nF)
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
Output Pull-Up Resistance
vs. Temperature
(V
CC=12V, IOUT = -100mA)
Supply Voltage (V)
46
8
10
12
14
16
18
20
22
4
5
6
7
8
9
10
11
Rise Time vs. Supply Voltage
(C
L=1.8nF )
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
6.2
6.3
6.4
6.5
6.6
6.7
6.8
6.9
7.0
Rise Time vs. Temperature
(V
CC=12V, CL=1.8nF)
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
0.4
0.5
0.6
0.7
0.8
0.9
Output Pull-Down Resistance
vs. Temperature
(V
CC= 12V, IOUT= 100mA)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com