Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX4340NE Datasheet(PDF) 8 Page - IXYS Corporation

Part # IX4340NE
Description  5-Ampere, Dual Low-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4340NE Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IX4340NE Datasheet HTML 2Page - IXYS Corporation IX4340NE Datasheet HTML 3Page - IXYS Corporation IX4340NE Datasheet HTML 4Page - IXYS Corporation IX4340NE Datasheet HTML 5Page - IXYS Corporation IX4340NE Datasheet HTML 6Page - IXYS Corporation IX4340NE Datasheet HTML 7Page - IXYS Corporation IX4340NE Datasheet HTML 8Page - IXYS Corporation IX4340NE Datasheet HTML 9Page - IXYS Corporation IX4340NE Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
8
www.ixysic.com
R05
IX4340
3.5 Mechanical Dimensions
3.5.1 IX4340NE Package Dimensions
3.5.2 IX4340N Package Dimensions
Dimensions
MIN / MAX
1.70 MAX
(0.067 MAX)
1.25 MIN
(0.049 MIN)
0 / 0.15
(0 / 0.006)
0.10
(0.004)
4
4.80 / 5.00
(0.189 / 0.197)
TOP VIEW
PIN #1
5.80 / 6.20
(0.228 / 0.244)
5
3.80 / 4.00
(0.150 / 0.157)
0.31 / 0.51
(0.012 / 0.020)
8x
BOTTOM VIEW
1.94 / 2.29
(0.076 / 0.090)
1.94 / 2.29
(0.076 / 0.090)
SEATING PLANE
GAUGE PLANE
8°- 0°
0.10 / 0.25
(0.004 / 0.010)
0.40 / 1.27
(0.016 / 0.050)
A
0.25
(0.010)
PCB Land Pattern
1.55
(0.061)
0.60
(0.024)
3.85
(0.152)
2.11
(0.083)
A
6x
1.27
0.05
Notes:
1. Controlling dimension: millimeters.
2. All dimensions are in mm (inches).
3. This package conforms to JEDEC Standard MS-012, variation BA, Rev. F.
4. Dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not exceed 0.15mm per end.
5. Dimension does not include interlead flash or protrusion. Interlead flash or protrusion shall not exceed 0.25mm per side.
6. The thermal pad on the bottom of the device may be connected to GND or left floating; it must not be connected to any other signal.
The thermal pad is not intended to carry current.
7. Lead thickness includes plating.
2.11
(0.083)
Dimensions
MIN / MAX
1.75 MAX
(0.069 MAX)
1.25 MIN
(0.049 MIN)
0.10 / 0.25
(0.004 / 0.010)
0.10
(0.004)
4
4.80 / 5.00
(0.189 / 0.197)
TOP VIEW
PIN #1
5.80 / 6.20
(0.228 / 0.244)
5
3.80 / 4.00
(0.150 / 0.157)
0.31 / 0.51
(0.012 / 0.020)
8x
SEATING PLANE
GAUGE PLANE
8°- 0°
0.10 / 0.25
(0.004 / 0.010)
0.40 / 1.27
(0.016 / 0.050)
A
0.25
(0.010)
PCB Land Pattern
1.55
(0.061)
0.60
(0.024)
3.75
(0.148)
A
Notes:
1. Controlling dimension: millimeters.
2. All dimensions are in mm (inches).
3. This package conforms to JEDEC Standard MS-012, variation AA, Rev. F.
4. Dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not exceed 0.15mm per end.
5. Dimension does not include interlead flash or protrusion. Interlead flash or protrusion shall not exceed 0.25mm per side.
6. Lead thickness includes plating.
6x
1.27
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com