Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM708 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM708
Description  5V Supervisor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM708 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM708 Datasheet HTML 2Page - STMicroelectronics STM708 Datasheet HTML 3Page - STMicroelectronics STM708 Datasheet HTML 4Page - STMicroelectronics STM708 Datasheet HTML 5Page - STMicroelectronics STM708 Datasheet HTML 6Page - STMicroelectronics STM708 Datasheet HTML 7Page - STMicroelectronics STM708 Datasheet HTML 8Page - STMicroelectronics STM708 Datasheet HTML 9Page - STMicroelectronics STM708 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
STM705/706/707/708/813L
6/27
Pin Descriptions
MR.A logic low on MR asserts the reset output.
Reset remains asserted as long as MR is low and
for trec after MR returns high. This active-low input
has an internal pull-up. It can be driven from a TTL
or CMOS logic line, or shorted to ground with a
switch. Leave open if unused.
WDI. If WDI remains high or low for 1.6sec, the in-
ternal watchdog timer runs out and reset (or WDO)
is triggered. The internal watchdog timer clears
while reset is asserted or when WDI sees a rising
or falling edge.
The watchdog function can be disabled by allow-
ing the WDI pin to float.
WDO.It goes low when a transition does not oc-
cur on WDI within 1.6sec, and remains low until a
transition occurs on WDI (indicating the watchdog
interrupt has been serviced). WDO also goes low
when VCC falls below the reset threshold; howev-
er, unlike the reset output, WDO goes high as
soon as VCC exceeds the reset threshold.
Note: For those devices with a WDO output, a
watchdog timeout will not trigger reset unless
WDO is connected to MR.
RST.Pulses low when triggered, and stays low
whenever VCC is below the reset threshold or
when MR is a logic low. It remains low for trec after
either VCC rises above the reset threshold, or MR
goes from low to high.
RST. Goes high with triggered, and stays high
whenever VCC is above the reset threshold or
when MR is a logic high. It stays high for trec after
either VCC falls below the reset threshold, or MR
goes from high to low.
PFI. When PFI is less than VPFI, PFO goes low;
otherwise, PFO remains high. Connect to ground
if unused.
PFO.When PFI is less than VPFI, PFO goes low;
otherwise, PFO remains high. Leave open if un-
used.
Table 3. Pin Description
Pin
Name
Function
STM813L
STM707
STM708
STM705
STM706
111
MR
Push-button Reset Input
6
–
6
WDI
Watchdog Input
8–8
WDO
Watchdog Output
–77
RST
Active-Low Reset Output
7
8
–
RST
Active-High Reset Output
222
VCC
Supply Voltage
4
4
4
PFI
PFI Power-fail Input
555
PFO
PFO Power-fail Output
333
VSS
Ground
–
6
–
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com