Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM708 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM708
Description  5V Supervisor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM708 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM708 Datasheet HTML 7Page - STMicroelectronics STM708 Datasheet HTML 8Page - STMicroelectronics STM708 Datasheet HTML 9Page - STMicroelectronics STM708 Datasheet HTML 10Page - STMicroelectronics STM708 Datasheet HTML 11Page - STMicroelectronics STM708 Datasheet HTML 12Page - STMicroelectronics STM708 Datasheet HTML 13Page - STMicroelectronics STM708 Datasheet HTML 14Page - STMicroelectronics STM708 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11/27
STM705/706/707/708/813L
TYPICAL OPERATING CHARACTERISTICS
Note: Typical values are at TA = 25°C.
Figure 13. Supply Current vs. Temperature (no load)
Figure 14. VPFI Threshold vs. Temperature
Temperature (
°C)
AI09141b
0
5
10
15
20
25
30
–40
–20
0
20
40
60
80
100
120
VCC = 2.7V
VCC = 3.0V
VCC = 3.6V
VCC = 4.5V
VCC = 5.5V
Temperature (
°C)
AI09142b
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
1.265
1.270
–40
–20
0
20
40
60
80
100
120
VCC = 3.0V
VCC = 4.5V
VCC = 4.75V
VCC = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com