Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM708 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM708
Description  5V Supervisor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM708 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM708 Datasheet HTML 19Page - STMicroelectronics STM708 Datasheet HTML 20Page - STMicroelectronics STM708 Datasheet HTML 21Page - STMicroelectronics STM708 Datasheet HTML 22Page - STMicroelectronics STM708 Datasheet HTML 23Page - STMicroelectronics STM708 Datasheet HTML 24Page - STMicroelectronics STM708 Datasheet HTML 25Page - STMicroelectronics STM708 Datasheet HTML 26Page - STMicroelectronics STM708 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
25/27
STM705/706/707/708/813L
PART NUMBERING
Table 9. Ordering Information Scheme
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Table 10. Marking Description
Example:
STM705
M
6
E
Device Type and Reset Threshold Voltage
STM705/707/813L = VRST = 4.50V to 4.75V
STM706/708 = VRST = 4.25V to 4.50V
Package
M = SO8
DS = TSSOP8
Temperature Range
6 = –40 to 85°C
Shipping Method
E = Tubes
F = Tape & Reel
Part Number
Reset Threshold
Package
Topside Marking
STM705
4.63V
SO8
705
TSSOP8
STM706
4.38V
SO8
706
TSSOP8
STM707
4.63V
SO8
707
TSSOP8
STM708
4.38V
SO8
708
TSSOP8
STM813L
4.63V
SO8
813L
TSSOP8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com