Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGF1183 Datasheet(PDF) 3 Page - OKI electronic componets

Part # KGF1183
Description  Medium-Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1183 Datasheet(HTML) 3 Page - OKI electronic componets

  KGF1183 Datasheet HTML 1Page - OKI electronic componets KGF1183 Datasheet HTML 2Page - OKI electronic componets KGF1183 Datasheet HTML 3Page - OKI electronic componets KGF1183 Datasheet HTML 4Page - OKI electronic componets KGF1183 Datasheet HTML 5Page - OKI electronic componets KGF1183 Datasheet HTML 6Page - OKI electronic componets KGF1183 Datasheet HTML 7Page - OKI electronic componets KGF1183 Datasheet HTML 8Page - OKI electronic componets KGF1183 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
KGF1183
¡ electronic components
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
*1 Self-bias condition: VDD = 5.4 V, VG = 0 V, f = 850 MHz
Item
VDD
Symbol
Condition
Max.
Unit
Supply voltage
Input power
Total power dissipation
Channel temperature
PIN
Ptot
Tch
Ta = 25°C
—
10
6
300
150
V
dBm
mW
°C
Storage temperature
Tstg
—
125
°C
Min.
—
—
—
—
–45
Ta = 25°C
Ta = 25°C
Item
ID
Symbol
Condition
Max.
Unit
Operating current
80.0
mA
—
Min.
—
17.0
(*1), PIN = 0 dBm
Typ.
60.0
—
Output power
PO1
(*1), PIN = 0 dBm
dBm
Linear gain
GLIN
dB
(Ta = 25°C)
—
20.0
—
(*1), PIN = –20 dBm
Input return loss
RLIN
dB
—
—
–9.0
(*1), PIN = –20 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com