Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGF1183 Datasheet(PDF) 7 Page - OKI electronic componets

Part # KGF1183
Description  Medium-Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1183 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button KGF1183 Datasheet HTML 3Page - OKI electronic componets KGF1183 Datasheet HTML 4Page - OKI electronic componets KGF1183 Datasheet HTML 5Page - OKI electronic componets KGF1183 Datasheet HTML 6Page - OKI electronic componets KGF1183 Datasheet HTML 7Page - OKI electronic componets KGF1183 Datasheet HTML 8Page - OKI electronic componets KGF1183 Datasheet HTML 9Page - OKI electronic componets KGF1183 Datasheet HTML 10Page - OKI electronic componets KGF1183 Datasheet HTML 11Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
KGF1183
¡ electronic components
Freq(MHz)
500.0
MAG(S11) ANG(S11) MAG(S21) ANG(S21) MAG(S12) ANG(S12) MAG(S22) ANG(S22)
VDD = 3 V, ID = 52.4 mA
600.0
700.0
800.0
900.0
1000.0
1100.0
1200.0
1300.0
1400.0
1500.0
1600.0
1700.0
1800.0
1900.0
2000.0
2100.0
2200.0
2300.0
2400.0
2500.0
2600.0
2700.0
2800.0
2900.0
3000.0
0.314
0.322
0.343
0.383
0.423
0.444
0.452
0.434
0.412
0.391
0.378
0.358
0.345
0.337
0.329
0.326
0.316
0.314
0.306
0.304
0.306
0.306
0.299
0.305
0.306
0.309
–73.77
–92.04
–115.90
–145.41
–177.00
151.92
125.48
103.93
87.26
74.96
65.04
57.02
49.79
43.08
37.48
32.68
26.61
23.59
18.36
14.95
10.96
8.19
5.88
2.32
–0.50
–2.42
19.224
21.483
23.875
25.956
26.532
24.912
21.642
17.830
14.595
11.968
9.960
8.476
7.233
6.197
5.454
4.790
4.228
3.782
3.391
3.073
2.777
2.543
2.337
2.153
1.969
1.826
–23.89
–36.47
–51.66
–90.60
–112.53
–132.14
–148.33
–160.93
–170.50
–179.14
173.73
167.79
162.18
152.77
148.19
143.78
139.98
136.45
133.45
129.56
126.43
123.33
120.37
117.03
0.018
0.024
0.030
0.041
0.049
0.056
0.059
0.057
0.054
0.058
0.055
0.056
0.060
0.058
0.063
0.063
0.065
0.065
0.071
0.071
0.072
0.079
0.082
0.080
0.089
0.090
103.91
106.42
104.25
95.92
84.93
71.59
64.47
59.02
56.85
55.96
51.34
53.89
50.50
51.85
53.39
52.40
49.90
52.61
52.15
53.77
54.15
54.77
47.98
51.00
49.99
52.10
0.497
0.543
0.621
0.718
0.807
0.853
0.830
0.779
0.706
0.665
0.628
0.591
0.570
0.548
0.533
0.523
0.513
0.511
0.500
0.495
0.497
0.499
0.498
0.494
0.502
0.503
–89.19
–108.09
–129.90
–154.16
178.21
150.71
126.58
108.00
92.39
80.35
70.27
61.79
55.15
49.04
43.45
38.36
33.82
29.48
24.80
21.41
18.15
14.71
11.73
8.88
5.90
4.23
157.26
–70.01
Typical S Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com