Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGF1183 Datasheet(PDF) 1 Page - OKI electronic componets

Part # KGF1183
Description  Medium-Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1183 Datasheet(HTML) 1 Page - OKI electronic componets

  KGF1183 Datasheet HTML 1Page - OKI electronic componets KGF1183 Datasheet HTML 2Page - OKI electronic componets KGF1183 Datasheet HTML 3Page - OKI electronic componets KGF1183 Datasheet HTML 4Page - OKI electronic componets KGF1183 Datasheet HTML 5Page - OKI electronic componets KGF1183 Datasheet HTML 6Page - OKI electronic componets KGF1183 Datasheet HTML 7Page - OKI electronic componets KGF1183 Datasheet HTML 8Page - OKI electronic componets KGF1183 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
KGF1183
¡ electronic components
This version: Jul. 1998
Previous version: Jan. 1998
¡ electronic components
KGF1183
Medium-Power Amplifier
GENERAL DESCRIPTION
The KGF1183 is a two-stage medium-power UHF-band amplifier that features high gain and
high output power. The internally matched 50 W input eliminates external impedance-matching
circuits for the input, but it requires a simple matching circuit for the output. All specifications
for this device are guaranteed at 5 V and 850 MHz. Because of the high gain and high output
power, the KGF1183 is ideal as a transmitter-intermediate-stage amplifier for personal handy
phones.
FEATURES
• Internally matched 50 W input
• High linear gain: 20 dB (min.)
• High output power: 17 dBm (min.)
• Low current operation: 80 mA (max.)
• Self-bias circuit configuration with built-in source capacitor
• Package: 4PSOP
PACKAGE DIMENSIONS
E2Q0022-38-71
0.6 +0.1
–0.05
0.4 +0.1
–0.05
1.8±0.1
0.85±0.05
1.9±0.1
2.8±0.15
0 to 0.15
0.125 +0.03
–0
1.1±0.15
0.36
0.74
(Unit: mm)
Package material
Pin treatment
Solder plate thickness
Lead frame material
Epoxy resin
Solder plating
5 mm or more
42 alloy


Similar Part No. - KGF1183

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1181B OKI-KGF1181B Datasheet
131Kb / 8P
Medium-Power Amplifier
More results

Similar Description - KGF1183

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
BOWEI Integrated Circui...
HE572L BOWEI-HE572L Datasheet
106Kb / 1P
Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
Medium Power Amplifier
HE641B BOWEI-HE641B Datasheet
95Kb / 1P
Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
Medium power amplifier
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
Medium power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com