Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM457 Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AM457
Description  Precision amplifier for bridge circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM457 Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AM457 Datasheet HTML 2Page - Analog Microelectronics AM457 Datasheet HTML 3Page - Analog Microelectronics AM457 Datasheet HTML 4Page - Analog Microelectronics AM457 Datasheet HTML 5Page - Analog Microelectronics AM457 Datasheet HTML 6Page - Analog Microelectronics AM457 Datasheet HTML 7Page - Analog Microelectronics AM457 Datasheet HTML 8Page - Analog Microelectronics AM457 Datasheet HTML 9Page - Analog Microelectronics AM457 Datasheet HTML 10Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Precision amplifier for bridge circuits
AM457
analog microelectronics
May 2005
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 – 0
8/10
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.2
Internet: www.analogmicro.de
Email:
info@analogmicro.de
The formulae used are:
RS
B
2
1
d
5
R
2
R
R
⋅
⋅
=
=
(kΩ)
Span adjustment
(1)
100
R
R
1
4 =
(kΩ)
Auxiliary resistor (2)
RS
RO
4
RS
RO
3
d
9
d
8
R
)
d
d
8
(
R
⋅
+
⋅
⋅
+
⋅
−
=
(kΩ)
Offset adjustment (3)
whereby the following applies to the individual sensing elements:
RB – Bridge resistance in ohms
dRS – Span/supply voltage in mV/V
dRO – Offset/supply voltage in mV/V
In order to calculate the discrete adjusting resistors R1, R2, R3 and R4 the offset, span and bridge
resistance of the sensing element to be calibrated are first determined. The sensing element is then
connected up to an AM457 to form the circuit illustrated in Figure 2. The resistors are dimensioned
and applied according to the given formulae. The values of the capacitors are selected according to
Table 1. (Capacitors C3…C6 are designated as decoupling capacitors; their use is therefore optional.)
Using the calculated resistances and the given capacitors the offset and span (0.5...4.5V) should
now be set. Discrepancies between the resistors used and the theoretical value enter the offset error
proportionally.
The calibration suggested in this article is suitable and has a sufficient accuracy for all sensing
elements
• which consist of four bridge resistors
• which permit calibration with discrete resistors
• which have a sensitivity of ±5…±100mV FS
• where the span signal is greater than the offset.
Depending on the level of accuracy required, when using sensing elements which have additional
resistors (such as ceramic sensing elements for offset correction, for example) the discrete adjusting
resistors must be corrected due to the discrepancy between the model and the sensing element (see
[2]).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com