Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM457 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AM457
Description  Precision amplifier for bridge circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM457 Datasheet(HTML) 1 Page - Analog Microelectronics

  AM457 Datasheet HTML 1Page - Analog Microelectronics AM457 Datasheet HTML 2Page - Analog Microelectronics AM457 Datasheet HTML 3Page - Analog Microelectronics AM457 Datasheet HTML 4Page - Analog Microelectronics AM457 Datasheet HTML 5Page - Analog Microelectronics AM457 Datasheet HTML 6Page - Analog Microelectronics AM457 Datasheet HTML 7Page - Analog Microelectronics AM457 Datasheet HTML 8Page - Analog Microelectronics AM457 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Precision amplifier for bridge circuits
AM457
analog microelectronics
May 2005
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 – 0
1/10
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.2
Internet: www.analogmicro.de
Email:
info@analogmicro.de
PRINCIPLE FUNCTION
Adjustable amplification of differential voltage signals (
±5 to ±100mV FS)
to an adjustable, ratiometric output voltage of between
0.2 and Vcc-0.2Volt with a diagnostic unit
TYPICAL APPLICATIONS
• Precision amplifiers for bridge circuits with
low sensitivity:
for ceramic measurement cells
for DMS sensing elements
for GMR sensing elements
• Sensor amplification with functional control
AM457
V = 5V 5%
CC
±
I = 2mA
out
Differential input
voltages
(5... 100mV FS)
e.g. V
= 0.2...V -0.2V
(adjustable)
e.g. 0.5...4.5V
ratiometric
OUT
CC
Diagnostic unit


Similar Part No. - AM457

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4500C ANALOGPOWER-AM4500C Datasheet
175Kb / 2P
N & P-Channel 150-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM4501 AITSEMI-AM4501 Datasheet
905Kb / 10P
P & N-CHANNEL
REV1.0
AM4501M8R AITSEMI-AM4501M8R Datasheet
905Kb / 10P
P & N-CHANNEL
REV1.0
AM4501M8VR AITSEMI-AM4501M8VR Datasheet
905Kb / 10P
P & N-CHANNEL
REV1.0
logo
Analog Power
AM4502AC ANALOGPOWER-AM4502AC Datasheet
268Kb / 8P
P & N-Channel 30-V (D-S) MOSFET
More results

Similar Description - AM457

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7241B STMICROELECTRONICS-TDA7241B Datasheet
110Kb / 7P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Jul-1997
logo
Unisonic Technologies
A7240 UTC-A7240 Datasheet
106Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Analog Microelectronics
AM467 AME-AM467 Datasheet
219Kb / 9P
Precision amplifier for bridge circuits
logo
Unisonic Technologies
PA2005 UTC-PA2005 Datasheet
522Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Analog Devices
AM467 AD-AM467 Datasheet
70Kb / 9P
Precision amplifier for bridge circuits
logo
Unisonic Technologies
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
PA2005 UTC-PA2005_15 Datasheet
522Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
WOLFSPEED, INC.
AM467 WOLFSPEED-AM467 Datasheet
63Kb / 9P
Precision amplifier for bridge circuits
February 2011 Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com