Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM457 Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AM457
Description  Precision amplifier for bridge circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM457 Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AM457 Datasheet HTML 2Page - Analog Microelectronics AM457 Datasheet HTML 3Page - Analog Microelectronics AM457 Datasheet HTML 4Page - Analog Microelectronics AM457 Datasheet HTML 5Page - Analog Microelectronics AM457 Datasheet HTML 6Page - Analog Microelectronics AM457 Datasheet HTML 7Page - Analog Microelectronics AM457 Datasheet HTML 8Page - Analog Microelectronics AM457 Datasheet HTML 9Page - Analog Microelectronics AM457 Datasheet HTML 10Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Precision amplifier for bridge circuits
AM457
analog microelectronics
May 2005
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 – 0
10/10
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.2
Internet: www.analogmicro.de
Email:
info@analogmicro.de
DELIVERY OPTIONS
AM457 is available as:
• An SOP 8
• Dice on 5" blue foil (on request)
Figure 5: SOP 8 package dimensions
FURTHER READING
www.analogmicro.de
[1]
Application notes AN1011: the AM457 amplifier IC for DMS sensing elements
[2]
Application notes AN1012: the AM457 amplifier IC for ceramic sensing elements
E
H
e
D
b
A1
A
L
w



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com