Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSC4128 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RSC4128
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSC4128 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RSC4128 Datasheet HTML 1Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 2Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 3Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 4Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 5Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 6Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 7Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 8Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
RSC-4128
Data Sheet
4
P/N 80-0206-J
© 2004 Sensory Inc.
RSC-4128 Overview
The RSC-4128 is a member of the Interactive Speech™ line of products from Sensory. It features a high-
performance 8-bit microcontroller with on-chip ADC, DAC, preamplifier, RAM, ROM (except on ROM-less version),
and optimized audio processing blocks. The RSC-4128 is designed to bring a high degree of integration and
versatility into low-cost, power-sensitive applications. Various functional units have been integrated onto the CPU
core in order to reduce total system cost and increase system reliability.
The RSC-4128 operates in tandem with Sensory Speech™ 7 firmware, an ultra compact suite of recognition and
synthesis technologies. This reduced software footprint enables, for example, products with over 150 seconds of
compressed speech, multiple speaker dependent and independent vocabularies, speaker verification, and all
application code built into the RSC-4128 as a single chip solution. Revolutionary Text-to-Speaker-Independent
(T2SI) technology allows the creation of SI recognition sets by simply entering text.
The CPU core embedded in the RSC-4128 is an 8-bit, variable-length-instruction microcontroller. The instruction
set is similar to the 8051 microcontroller, and has a variety of addressing mode, MOV and 16 bit instructions. The
RSC-4128 processor avoids the limitations of dedicated A, B, and DPTR registers by having completely
symmetrical sources and destinations for all instructions.
The RSC-4128 provides a high level of on-chip features and special DSP engines, providing a very cost effective
mixed signal platform for general-purpose applications and development of custom algorithms. The full suite of
industry standard tools for easy product development makes the RSC-4128 an ideal platform for consumer
electronics.
RSC-4128 Block Diagram
In te rn al R o m S pac e
(0 K , 128K o r 2 56K )
4.8K S R A M
W a tc hdog
Tim e r
Tim e rs (3 )
RS C
G ene ra l P u rpos e
M ic roc on trolle r
Ve c to r Ac c e le ra to r
with T w in DM A
DA C
PW M
AD C
Dig ita l
Filte rs
A udio
Wa k e u p
AG C
C o m parators
(4 In put)
Low B a tte ry
De te c tio n
Pre -Am p
and
Ga in
Co n tro l
R S C - 4x S e r ie s
E x te r n a l M e m o r y In te r fa c e
8-b it da ta , 2 0 -b it A ddres s
G e ne r a l P u r p os e I/O
3 x 8-b it po rts (2 4 I/O )
D AC O u t
S p eake r O u t
M ic r op hon e
3.5 8 M H z O s cilla to r
o r R e s ona to r
3 2 K H z O s c illa to r (o p tio n a l)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com