Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSC4128 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RSC4128
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSC4128 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RSC4128 Datasheet HTML 3Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 4Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 5Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 6Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 7Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 8Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 9Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 10Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Data Sheet
RSC-4128
7
P/N 80-0206-J
© 2004 Sensory Inc.
A single chip speech I/O solution may be created with the RSC-4128. An external microphone passes an audio
signal to the preamplifier and ADC to convert the incoming speech signal into digital data. Speech features are
extracted using the Digital Filter engine. The microcontroller CPU processes these speech features using speech
recognition algorithms in firmware, with the help of the “L1” Vector Accelerator and enhanced instruction set. The
resulting speech recognition results may be used to control the consumer product application code, or to output
speech or audio in the form of a dialog with the user of the consumer product. If desired, the output speech or
audio signal from the RSC-4128 is generated by a DAC for external amplification into a speaker, or a PWM capable
of directly driving a speaker at typical consumer product volumes. A typical product will require about $0.30 - $1.00
(in high volume) of additional components, in addition to the RSC-4128.
The RSC-4128 also provides a very cost effective mixed signal platform for general-purpose applications and
development of custom algorithms. A typical general purpose application will require about $0.30 - $0.50 (in high
volume) of additional components, in addition to the RSC-4128.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com