Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSC4128 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # RSC4128
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSC4128 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button RSC4128 Datasheet HTML 8Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 9Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 10Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 11Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 12Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 13Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 14Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 15Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
RSC-4128
Data Sheet
12
P/N 80-0206-J
© 2004 Sensory Inc.
Mapping of logical addresses 080H-0BFH (“bank” register FC is used)
register FC [4:0]
Physical RAM memory
register FC [4:0]
Physical memory
00H
00-3FH
08H
200-23FH
01H
40-7FH
09H
240-27FH
02H
80-BFH
0AH
280-2BFH
03H
C0-FFH
0BH
2C0-2FFH
04H
100-13FH
0CH
--- (unimplemented)
05H
140-17FH
0DH
--- (unimplemented)
06H
180-1BFH
0EH
--- (unimplemented)
07H
1C0-1FFH
0FH
--- (unimplemented)
NOTE: If a value other than those indicated above is used for the “bank” register, an undefined state will result.
See the “Special Functions Registers Summary” for details on the contents of SFRs.
L1 Vector Accelerator/Multiplier
A variety of macros are provided by Sensory that manipulate the L1 Vector Accelerator to provide signed and
unsigned multiplication functions. See the “Sensory Speech 7 Technology Library Manual” for information on these
macros and their application.
The L1/Multiplier unit may be independently powered down by programming the register D6.Bit 4 to “0” (“clkExt”
register, “L1clk_on” bit).
Digital Filter
The RSC-4128 has a Digital Filter engine capable of dividing up a frequency range into several smaller ranges. It
is also capable of reporting characteristics of each range to the RSC-4128 processor. The configuration of the
Digital Filter engine and access to signal characteristics generated are enabled by technology modules which are
available from Sensory “Technology Support” upon request.
Power and Wakeup Control
The typical Active Supply Current is realized when operating with a main clock rate of 14.32 MHz at 3V and all I/O
configured to the high-Z state. Lowering clock frequency reduces active power consumption, although Sensory
Speech 7 technology typically requires a 14.32 MHz clock.
Two supply current power-down modes are available – Sleep and Idle modes. In Sleep mode everything is
stopped, and only an I/O event can initiate a wake-up. In Idle mode OSC2 and Timer2 continue to run, and an
Audio Wakeup, I/O Wakeup or Timer2 interrupt request caused by overflow can generate a wake-up.
Sleep mode is entered by setting register E8.Bit7=1 (“ckCtl” register; “pdn” bit), register E8.Bit0=1 (“osc1_off”) and
register E8.Bit1=0 (OSC2 off). Idle mode is entered by setting register E8.Bit7=1, register E8.Bit1=1 (“osc2_on”)
and register E8.Bit0=1. Setting register E8.Bit7=1 (“pdn”) freezes the processor, but does not insure that the DAC,
Audio Wakeup, and the PWM are placed in the lowest possible current-consumption state. Software control must
power these blocks down prior to setting “pdn” to “1”, according to the procedures indicated in “DAC”, “Audio
Wakeup”, and “Pulse Width Modulator Analog Output” Sections. The “Sensory Speech 7 Technology Library
Manual” provides sample code for achieving the lowest current-consumption state for Sleep and Idle modes. The
state of “pdn” bit may be observed externally on the PDN pin (see pin definitions in “Package Options” section) and
used to control power down of circuitry external to the RSC-4128, if desired.
NOTE: GPIO (Ports 0,1 & 2) should be put in input mode and a known state (e.g. light pull-up) whenever possible
to conserve power, and especially in powerdown mode to achieve the specified minimum supply current
consumption. The external memory interface (A[19:0], D[7:0], -RDR, -WRC, -RDF and –WRD) automatically goes
into a high-Z state and is pulled up by a 100 Kohm internal resistor when the “pdn” bit is set, to conserve current.
Register E8 contains both the “pdn” bit and the processor clock selector (Bit2). The clock selector bit determines
whether the 14.32 clock (“fast clock”) or the 32KHz clock (“slow clock”) will be used at wakeup time, independent of
what clock rate was being used before or during power down mode. This allows the processor clock after wakeup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com