Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REM20-W Datasheet(PDF) 7 Page - Recom International Power

Part # REM20-W
Description  20 Watt 4:1 Input 1.6 x 1 Single and Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM20-W Datasheet(HTML) 7 Page - Recom International Power

  REM20-W Datasheet HTML 1Page - Recom International Power REM20-W Datasheet HTML 2Page - Recom International Power REM20-W Datasheet HTML 3Page - Recom International Power REM20-W Datasheet HTML 4Page - Recom International Power REM20-W Datasheet HTML 5Page - Recom International Power REM20-W Datasheet HTML 6Page - Recom International Power REM20-W Datasheet HTML 7Page - Recom International Power REM20-W Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DC/DC Converter
EMC Compliance
Conditions
Standard / Criterion
Medical electrical equipment Part 1-2: Electromagnetic distur-
bances - Requirements and tests
EN60601-1-2:2015
Industrial, scientific and medical equipment - Radio frequency
disturbance characteristics - Limits and methods of measurement
without external filter
with external filter
EN55011:2009 + A1:2010, Class A
EN55011:2009 + A1:2010, Class B
AS/NZS CISPR11:2011 Class A, B
ESD Electrostatic discharge immunity test
Air: ±2, 4, 8, 15kV and
Contact: ±4, 6, 8kV
EN61000-4-2:2009, Criteria A
IEC61000-4-2:2008, Criteria A
Radiated, radio-frequency, electromagnetic field immunity test
10V/m (80-2700MHz) and 9V/m,
27V/m, 28V/m (several frequencies)
EN61000-4-3:2006 + A2:2010, Criteria A
IEC61000-4-3:2007 + A2:2010, Criteria A
Fast Transient and Burst Immunity (8)
DC Power Port: ±0.5, 1, 2kV
IEC/EN61000-4-4:2012, Criteria A
Surge Immunity (8)
DC Power Port: ±0.5, 1, 2kV
IEC/EN61000-4-5:2014, Criteria A
Immunity to conducted disturbances, induced by radio-frequency
fields
DC Power Port 10V (0.15-80MHz)
DC Power Port 10V (ISM bands)
EN61000-4-6:2014 + AC:2015, Criteria A
IEC61000-4-6:2013, Criteria A
Power Frequency Magnetic Field
50Hz, 100A/m (1 min)
1000A/m (1 sec)
EN61000-4-8:2010, Criteria A
IEC61000-4-8:2009, Criteria A
Specifications (measured @ Ta= 25°C, nominal input voltage. full load and after warm-up)
www.recom-power.com
REV.: 0/2018
MED-7
Notes:
Note8: 24Vin models tested with 2pcs of Nippon chemi-con KY series (220µF/100V) MLCC and a TVS (SMDJ58A. 58V. 3000W peak pulse power) in parallel
48Vin models tested with 2pcs of Nippon chemi-con KY series (220µF/100V) MLCC and a TVS (SMDJ120A. 120V. 3000W peak pulse power) in parallel
EMC Filtering Suggestions according to EN55011
Single output
Dual output
Component List Class B
nom. Vin
C1
C2
C3, C4
L1
24VDC
N/A
10µF/50V
1210 MLCC
100pF/3kV
145µH 5.2A
CMC
48VDC
2.2µF/100V
1210 MLCC
2.2µF/100V
1210 MLCC
100pF/3kV
373µH 3A
CMC
C1
C3
C4
L1
C2
C1
C3
C4
L1
C2
-VOUT
+VOUT
-VIN
+VIN
-VOUT
+VOUT
COM
-VIN
+VIN
C1
C3
C4
L1
C2
C1
C3
C4
L1
C2
-VOUT
+VOUT
-VIN
+VIN
-VOUT
+VOUT
COM
-VIN
+VIN
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
case
baseplate
potting
non-conductive black plastic (UL94-V0)
non-conductive black plastic (UL94-V0)
silicone (UL94-V0)
Dimension (LxWxH)
40.6 x 25.4 x 10.2mm
Weight
24g typ.
continued on next page
REM20-W
Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com