Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REM20-W Datasheet(PDF) 1 Page - Recom International Power

Part # REM20-W
Description  20 Watt 4:1 Input 1.6 x 1 Single and Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM20-W Datasheet(HTML) 1 Page - Recom International Power

  REM20-W Datasheet HTML 1Page - Recom International Power REM20-W Datasheet HTML 2Page - Recom International Power REM20-W Datasheet HTML 3Page - Recom International Power REM20-W Datasheet HTML 4Page - Recom International Power REM20-W Datasheet HTML 5Page - Recom International Power REM20-W Datasheet HTML 6Page - Recom International Power REM20-W Datasheet HTML 7Page - Recom International Power REM20-W Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DC/DC Converter
www.recom-power.com
REV.: 0/2018
MED-1
20 Watt
4:1 Input
1.6“ x 1“
Single and Dual
Output
Features
Regulated
Converter
• Reinforced insulation for 250VAC working voltage
• Clearance and creepage distance >8.0mm
• 5kVAC I/P to O/P 2MOPP isolation
• 2µA patient leakage current
• Industry standard pinout
• 4:1 wide input range
REM20-W
Selection Guide
Part
Input
Output
Output
Efficiency
Max. Capacitive
Number
Voltage Range
Voltage
Current
typ. (1)
Load (2)
[VDC]
[VDC]
[mA]
[%]
[µF]
REM20-2405SW (3)
9-36
5
4000
87
5000
REM20-2412SW (3)
9-36
12
1667
88.5
850
REM20-2415SW (3)
9-36
15
1333
88
700
REM20-2424SW (3)
9-36
24
833
88
220
REM20-4805SW (3)
18-75
5
4000
89.5
2500
REM20-4812SW (3)
18-75
12
1667
88
500
REM20-4815SW (3)
18-75
15
1333
88
350
REM20-4824SW (3)
18-75
24
833
88.5
5000
REM20-2405DW (3)
9-36
±5
±2000
86
±850
REM20-2412DW (3)
9-36
±12
±833
88
±700
REM20-2415DW (3)
9-36
±15
±667
88
±220
REM20-4805DW (3)
18-75
±5
±2000
86
±2500
REM20-4812DW (3)
18-75
±12
±833
88.5
±500
REM20-4815DW (3)
18-75
±15
±667
88
±350
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: Max Cap Load is tested at nominal input and full resisitive load
Description
The REM20-W series of medical grade regulated DC/DC converters features reinforced 5kVAC/1 minute
isolation with low 2µA leakage (B, BF and CF compatible) and are 60601-1 3rd Ed. certified for 250VAC
continuous working voltage isolation. The industry standard 1.6”x1” package offers tightly regulated
single and dual outputs, with low output ripple and zero-load operation. The outputs are also short circuit
and overload protected. The converters are certified to CB, IEC/EN and ANSI/AAMI standards and carry
the UL mark.
CTRL pin option (positive logic)
Wide Input Voltage Range (4:1)
Single or Dual
Output Power
nom. Input Voltage
nom. Output Voltage
REM20- __ __ _ W/P
Model Numbering
Notes:
Note3: standard is with suffix „/P“ (CTRL pin with positive logic)
without suffix is without CTRL pin (no pin) please refer to dimensions drawing
Ordering Examples:
REM20-2412SW/P = 4:1 Input, 9-36Vin, 12Vout, with control pin positive logic
REM20-4815DW = 4:1 Input, 18-75Vin, ±15Vout, without control pin
UL60950-1 certified
CSA/CAN C22.2 60950-1-07 certified
UL62368-1 certified
CSA/CAN C22.2 62368-1 certified
CSA/CAN C22.2 60601-01 certified
ANSI/AAMI ES60601-1 certified
EN55011 certified
CB report
2MOPP
250VAC
E314885


Similar Part No. - REM20-W

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REM2 RECOM-REM2 Datasheet
700Kb / 7P
2 Watt SIP8 Single and Dual Output
logo
M-System Co.,Ltd.
REM2 MSYSTEM-REM2 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
REM2-10 MSYSTEM-REM2-10 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
REM2-100 MSYSTEM-REM2-100 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
REM2-1000 MSYSTEM-REM2-1000 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
More results

Similar Description - REM20-W

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC20-242.5SRW RECOM-REC20-242.5SRW Datasheet
80Kb / 2P
20 Watt 1??x 2??Single Output
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
20 Watt 2??x 1??Package Single & Dual Output
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
20 Watt 2??x 1??Single & Dual Output
REM15-W RECOM-REM15-W Datasheet
1Mb / 8P
15 Watt 4:1 Input 1.6 x 1 Single and Dual Output
REM30-W RECOM-REM30-W Datasheet
2Mb / 8P
30 Watt 4:1 Input 2 x 1 Single and Dual Output
RP12-AR RECOM-RP12-AR Datasheet
816Kb / 8P
12 Watt 1 x 1 Single and Dual Output
REC8E RECOM-REC8E Datasheet
2Mb / 6P
8 Watt 1??x 1??Single and Dual Output
RAC20E-K_277 RECOM-RAC20E-K_277 Datasheet
2Mb / 7P
20 Watt 2” x 1” Single Output
REV.: 0/2022
REC30E-Z RECOM-REC30E-Z Datasheet
1Mb / 7P
30 Watt 1“ x 1“ Single & Dual Output
REV.: 0/2023
RPA40-FR RECOM-RPA40-FR Datasheet
659Kb / 7P
40 Watt 2“ x 1“ Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com