Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REM20-W Datasheet(PDF) 5 Page - Recom International Power

Part # REM20-W
Description  20 Watt 4:1 Input 1.6 x 1 Single and Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM20-W Datasheet(HTML) 5 Page - Recom International Power

  REM20-W Datasheet HTML 1Page - Recom International Power REM20-W Datasheet HTML 2Page - Recom International Power REM20-W Datasheet HTML 3Page - Recom International Power REM20-W Datasheet HTML 4Page - Recom International Power REM20-W Datasheet HTML 5Page - Recom International Power REM20-W Datasheet HTML 6Page - Recom International Power REM20-W Datasheet HTML 7Page - Recom International Power REM20-W Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DC/DC Converter
Specifications (measured @ Ta= 25°C, nominal input voltage, full load and after warm-up)
www.recom-power.com
REV.: 0/2018
MED-5
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP) (6)
continuous, auto-recovery
Over Load Protection (OLP)
% of Iout rated
hiccup mode, 150% - 185%
Output Over Voltage Protection (OVP)
Zener diode clamp
5Vout
12Vout
15Vout
24Vout
6.2VDC typ.
15VDC typ.
20VDC typ.
30VDC typ.
Over Temperature Protection (OTP)
at tc point (refer to dimension drawing)
+115°C typ.
Isolation Voltage (5)
I/P to O/P
working voltage
tested for 1 minute
continuous
5kVAC
250VAC
Isolation Resistance
2G
W min.
Isolation Capacitance
20pF max.
Leakage Current
240VAC. 60Hz
2µA typ. / 2.5µA max.
Insulation Grade
reinforced
Means of Protection
2MOPP
Medical Device Classification
built-in power supply
Clearance/Creepage
>8.0mm
Trim up
1
2
3
4
5
6
7
8
9
10
[%]
Voutset =
24.24
24.48
24.72
24.96
25.2
25.44
25.68
25.92
26.16
26.40
[VDC]
R
up (E96) ≈
576k
280k
182k
133k
105k
84k5
69k8
95k3
52k3
45k3
[
W]
Trim up
11
12
13
14
15
16
17
18
19
20
[%]
Voutset =
26.64
26.88
27.12
27.36
27.6
27.84
28.08
28.32
28.56
28.80
[VDC]
R
up (E96) ≈
40k2
35k7
31k6
28k7
26k1
23k7
21k5
19k6
17k9
16k2
[
W]
REM20-xx24SW(/P)
Trim down
1
2
3
4
5
6
7
8
9
10
[%]
Voutset =
23.76
23.52
23.28
23.04
22.8
22.56
22.32
22.08
21.84
21.60
[VDC]
R
down (E96) ≈
4M99
2M43
1M62
1M18
931k
768k
649k
562k
487k
432k
[
W]
Notes:
Note5: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note6: Refer to local safety regulations if input over-current protection is also required. Recommended fuse: slow blow type
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±1.0% max.
Line Regulation
low line to high line
Single Output
±0.2% max.
Dual Output
±0.5% max.
Load Regulation
no load to full load
Single Output
0.2% max.
Dual Output
1.0% max.
Cross Regulation
assymetrical load 25% / 100% full load
only Dual Output
±5.0% max.
Transient Response
recovery time
25% load step change
100µs typ. / 250µs max.
REM20-W
Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com