Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2616 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2616
Description  Complete DDR Power Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2616 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2616 Datasheet HTML 1Page - Semtech Corporation SC2616 Datasheet HTML 2Page - Semtech Corporation SC2616 Datasheet HTML 3Page - Semtech Corporation SC2616 Datasheet HTML 4Page - Semtech Corporation SC2616 Datasheet HTML 5Page - Semtech Corporation SC2616 Datasheet HTML 6Page - Semtech Corporation SC2616 Datasheet HTML 7Page - Semtech Corporation SC2616 Datasheet HTML 8Page - Semtech Corporation SC2616 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2616
Pin Configuration
Ordering Information
Pin Descriptions
Note:
(1) Only available in tape and reel packaging. A reel
contains 3000 devices.
s
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
R
T
L
M
6
1
6
2
C
S
)
1
(
8
1
-
P
L
M
1
2
3
4
5
6
7
8
SS/EN
FB
TOP VIEW
(18 Pin MLP)
11
12
13
14
COMP
VTTSNS
12VCC
LGND
TG
5VSBY
BG
VTT
PGND
VTT
AGND
VDDQSTBY
SLP_S3
VDDQIN
9
10
SLP_S5
5VCC
16
15
17
18
Note: Pin 19 is the thermal Pad on the bottom
of the device
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1B
F.
Q
D
D
V
r
o
f
r
e
h
c
ti
w
s
e
h
t
d
n
a
O
D
L
Y
B
T
S
e
h
t
r
o
f
k
c
a
b
d
e
e
F
2S
N
S
T
T
VT
T
V.t
u
p
n
i
e
s
n
e
s
e
t
o
m
e
r
d
n
a
k
c
a
b
d
e
e
f
O
D
L
3D
N
G
LT
T
V
y
r
r
a
c
o
t
e
l
b
a
e
b
t
s
u
m
n
i
p
s
i
h
t
o
t
g
n
it
c
e
n
n
o
c
e
c
a
r
t
e
h
T
.
n
r
u
t
e
r
d
a
o
l
f
o
t
n
i
o
p
o
t
t
c
e
n
n
o
C
.
n
r
u
t
e
r
.
s
p
m
A
2
4Y
B
S
V
5.
y
b
d
n
a
t
s
V
5
o
t
t
c
e
n
n
o
C
.
p
i
h
c
e
h
t
r
o
f
y
l
p
p
u
s
s
a
i
B
6
,
5T
T
V
y
r
r
a
c
o
t
e
l
b
a
e
b
t
s
u
m
n
i
p
s
i
h
t
o
t
g
n
it
c
e
n
n
o
c
e
c
a
r
t
e
h
T
.
n
r
u
t
e
r
d
a
o
l
f
o
t
n
i
o
p
o
t
t
c
e
n
n
o
C
.
n
r
u
t
e
r
T
T
V
.
s
p
m
A
2
7Y
B
T
S
Q
D
D
V
g
n
i
d
e
e
f
k
c
a
b
m
o
r
f
y
l
p
p
u
s
Y
B
T
S
Q
D
D
V
e
h
t
t
n
e
v
e
r
p
o
t
e
d
a
m
e
b
t
s
u
m
n
o
i
s
i
v
o
r
P
.t
u
p
t
u
o
Q
D
D
V
3
S
e
b
t
s
u
m
n
i
p
s
i
h
t
o
t
g
n
it
c
e
n
n
o
c
s
e
c
a
r
T
.
)
c
it
a
m
e
h
c
s
n
o
it
a
c
il
p
p
a
l
a
c
i
p
y
t
e
e
s
(
y
l
p
p
u
s
t
u
p
n
i
e
h
t
.
p
m
A
1
g
n
ir
r
a
c
f
o
e
l
b
a
p
a
c
8N
I
Q
D
D
VT
T
V
o
t
t
u
p
n
i
r
e
w
o
p
Q
D
D
V
.
s
p
m
A
2
y
r
r
a
c
o
t
e
l
b
a
e
b
t
s
u
m
n
i
p
s
i
h
t
o
t
g
n
it
c
e
n
n
o
c
e
c
a
r
t
e
h
T
.
O
D
L
9C
C
V
5.
e
v
ir
d
e
t
a
g
r
e
w
o
l
e
h
t
o
t
y
l
p
p
u
S
0
15
S
_
P
L
S.
d
r
a
o
b
r
e
h
t
o
m
m
o
r
f
l
a
n
g
i
s
5
S
o
t
t
c
e
n
n
o
C
1
13
S
_
P
L
S.
d
r
a
o
b
r
e
h
t
o
m
m
o
r
f
l
a
n
g
i
s
3
S
o
t
t
c
e
n
n
o
C
2
1D
N
G
A.
d
n
u
o
r
g
g
o
l
a
n
A
3
1D
N
G
P.
e
c
r
u
o
s
T
E
F
m
o
tt
o
b
o
t
e
s
o
l
c
n
i
p
s
i
h
t
p
e
e
K
.
n
r
u
t
e
r
e
v
ir
d
e
t
a
G
4
1G
B.
e
v
ir
d
e
t
a
g
m
o
tt
o
B
5
1G
T.
e
v
ir
d
e
t
a
g
p
o
T
6
1C
C
V
2
1.
s
e
v
ir
d
e
t
a
g
r
e
w
o
l
d
n
a
r
e
p
p
u
e
h
t
o
t
y
l
p
p
u
S
7
1P
M
O
C.r
e
if
il
p
m
a
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
t
M
W
P
e
h
t
r
o
f
n
i
p
n
o
it
a
s
n
e
p
m
o
C
8
1N
E
/
S
S
.r
e
ll
o
r
t
n
o
c
e
l
b
a
s
i
d
o
t
V
3
.
0
n
a
h
t
s
s
e
l
o
t
w
o
l
ll
u
P
.
D
N
G
o
t
r
o
ti
c
a
p
a
c
t
r
a
t
s
tf
o
S
9
1D
A
P
_
H
T
.
D
N
G
A
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
n
r
e
t
n
i
s
i
n
i
p
s
i
h
T
.
g
n
i
k
n
i
s
t
a
e
h
r
o
f
d
e
s
u
p
i
h
c
f
o
m
o
tt
o
b
n
o
d
a
p
r
e
p
p
o
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com