Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2616 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2616
Description  Complete DDR Power Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2616 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2616 Datasheet HTML 6Page - Semtech Corporation SC2616 Datasheet HTML 7Page - Semtech Corporation SC2616 Datasheet HTML 8Page - Semtech Corporation SC2616 Datasheet HTML 9Page - Semtech Corporation SC2616 Datasheet HTML 10Page - Semtech Corporation SC2616 Datasheet HTML 11Page - Semtech Corporation SC2616 Datasheet HTML 12Page - Semtech Corporation SC2616 Datasheet HTML 13Page - Semtech Corporation SC2616 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2616
Typical Characteristics (Cont.)
Figure 3: S3 to S0 state transition with 600mA
600mA
600mA
600mA
600mA load on VDDQ
Ch1: TG drive, Ch2: VDDQ w/2.5V offset, Ch3, S3, Ch4: SS/EN
Note: VDDQ changes 16mV between S0 and S3 states (see cursor).
Figure 4: S3 to S0 state transition with 800mA
800mA
800mA
800mA
800mA load on VDDQ
Ch1: TG drive, Ch12 VDDQ w/2.5V offset, Ch3, S3, Ch4: SS/EN
Note: VDDQ changes 22mV between S0 and S3 states (see cursor).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com