Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT7002K Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MMBT7002K
Description  N-Channel Enhancement Mode FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBT7002K Datasheet(HTML) 1 Page - Diotec Semiconductor

  MMBT7002K Datasheet HTML 1Page - Diotec Semiconductor MMBT7002K Datasheet HTML 2Page - Diotec Semiconductor MMBT7002K Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBT7002K
MMBT7002K
N-Channel Enhancement Mode FET
N-Kanal FET – Anreicherungstyp
ID
= 300 mA
RDS(on)1 < 3 Ω
Tjmax
= 150°C
VDSS = 60 V
Ptot
= 350 mW
VGSS1 = ± 2 kV
Version 2018-10-16
SOT-23
(TO-236)
1 = G
2 = S
3 = D
Dimensions - Maße [mm]
Typical Applications
Signal processing, Logic level converter,
Drivers
Commercial grade
Suffix -Q: AEC-Q101 compliant 1)
Suffix -AQ: in AEC-Q101 qualification 1)
Typische Anwendungen
Signalverarbeitung, Pegel-
wandler, Treiberstufen
Standardausführung
Suffix -Q: AEC-Q101 konform 1)
Suffix -AQ: in AEC-Q101 Qualifikation 1)
Features
ESD protected Gate
Fast switching times
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
ESD geschütztes Gate
Schnelle Schaltzeiten
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 7“
Gegurtet auf Rolle
Weight approx.
0.01 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Gate
protection
diode
Type
Code
K72
Maximum ratings 2)
Grenzwerte 2)
Drain-Source-voltage
Drain-Source-Spannung
VDSS
60 V
Gate-Source-voltage
Gate-Source-Spannung
DC
ESD
VGSS
± 20 V
± 2 kV
Power dissipation
Verlustleistung
Ptot
350 mW 3)
Drain current
Drainstrom
DC
ID
300 mA 3)
Peak Drain current
Drain-Spitzenstrom
tp = 10µs
VDS = 10V
IDM
800 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C, unless otherwise specified – TA = 25°C, wenn nicht anders angegeben
3
Mounted on P.C. board with 3 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
1.1
+0.1
0.4+0.1
2.9
±0.1
1
2
3
Type
Code
1.9
±0.1
-0.05
-0.2
G
D
S


Similar Part No. - MMBT7002K

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT7002K DIOTEC-MMBT7002K Datasheet
109Kb / 2P
N-Channel Enhancement Mode FET with protected Gate
logo
SEMTECH ELECTRONICS LTD...
MMBT7002K SEMTECH_ELEC-MMBT7002K Datasheet
201Kb / 2P
N-Channel Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMBT7002K DIOTEC-MMBT7002K Datasheet
143Kb / 2P
N-Channel Enhancement Mode FET
logo
Guangdong Huixin Electr...
MMBT7002K-A HUIXIN-MMBT7002K-A Datasheet
716Kb / 3P
N-Channel Enhancement Mode Field Effect
MMBT7002KD HUIXIN-MMBT7002KD Datasheet
967Kb / 6P
Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - MMBT7002K

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT7002K DIOTEC-MMBT7002K_15 Datasheet
95Kb / 2P
N-Channel Enhancement Mode FET
2N7000 DIOTEC-2N7000_17 Datasheet
140Kb / 2P
N-Channel Enhancement Mode FET
MMBT7002K DIOTEC-MMBT7002K_17 Datasheet
143Kb / 2P
N-Channel Enhancement Mode FET
MMFTN20 DIOTEC-MMFTN20_17 Datasheet
143Kb / 2P
N-Channel Enhancement Mode FET
MMFTN138 DIOTEC-MMFTN138_17 Datasheet
143Kb / 2P
N-Channel Enhancement Mode FET
MMFTN170 DIOTEC-MMFTN170_17 Datasheet
145Kb / 2P
N-Channel Enhancement Mode FET
MMFTN3018W DIOTEC-MMFTN3018W_17 Datasheet
140Kb / 2P
N-Channel Enhancement Mode FET
MMBT7002DW DIOTEC-MMBT7002DW Datasheet
169Kb / 2P
N-Channel Enhancement Mode FET
MMBT7002DW DIOTEC-MMBT7002DW_18 Datasheet
160Kb / 2P
N-Channel Enhancement Mode FET
MMFTN123 DIOTEC-MMFTN123_18 Datasheet
126Kb / 2P
N-Channel Enhancement Mode FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com