Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT7002K Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # MMBT7002K
Description  N-Channel Enhancement Mode FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBT7002K Datasheet(HTML) 3 Page - Diotec Semiconductor

  MMBT7002K Datasheet HTML 1Page - Diotec Semiconductor MMBT7002K Datasheet HTML 2Page - Diotec Semiconductor MMBT7002K Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MMBT7002K
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
1
Tested with pulses tp = 10 µs, duty cycle ≤ 1% – Gemessen mit Impulsen tp = 10 µs, Schaltverhältnis ≤ 1%
© Diotec Semiconductor AG
http://www.diotec.com/
3
Typical gate threshold characteristic )1
Typische Schwellspannungs-Kennlinie
1)
3.0
2.5
2.0
1.5
1.0
0.5
0
V
GS(th)
[V]
[°C]
T
j
100
50
0
-50
V = 10V
DS
I = 1mA
D
Typical drain source on resistance )
1
Typischer Drain-Source Einschaltwiderstand
1)
3.0
2.5
2.0
1.5
1.0
0.5
0
R
DS(on)
[°C]
T
j
100
50
0
-50
V = 10V
GS
I = 300mA
D
Typical drain source on resistance )
1
Typischer Drain-Source Einschaltwiderstand1)
6
5
4
3
2
1
0
R
DS(on)
[V]
V
GS
15
10
5
0
I = 300mA
D
10
1
10-1
10-2
10
-3
[A]
I
S
Typical source drain characteristics )
1
Typische Source-Drain Kennlinien
1)
0
V
SD
0.4
0.6
0.8
1.0
[V] 1.4
T = 125°C
j
T = -25°C
j
T = 75°C
j
T = 25°C
j
0.1
1
10
10
2
1
10-1
10-2
10
-3
[A]
[V]
I
D
V
DS
T = 25°C
A
Safe operating area for single pulses
Sicherer Arbeitsbereich für Einzelpulse
10µs
DC
10m s
100m s
R
lim it
DS(o n)
t = 1m s
p
100µs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com