Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB5052B Datasheet(PDF) 72 Page - Texas Instruments

Part # TUSB5052B
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052B Datasheet(HTML) 72 Page - Texas Instruments

Back Button TUSB5052B Datasheet HTML 68Page - Texas Instruments TUSB5052B Datasheet HTML 69Page - Texas Instruments TUSB5052B Datasheet HTML 70Page - Texas Instruments TUSB5052B Datasheet HTML 71Page - Texas Instruments TUSB5052B Datasheet HTML 72Page - Texas Instruments TUSB5052B Datasheet HTML 73Page - Texas Instruments TUSB5052B Datasheet HTML 74Page - Texas Instruments TUSB5052B Datasheet HTML 75Page - Texas Instruments TUSB5052B Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
9–4
Table 9–2. Vector Interrupt Values (Continued)
G[3:0]
(Hex)
I[2:0]
(Hex)
VECTOR
(Hex)
INTERRUPT SOURCE
7
0
70
PP: RxF interrupt
7
1
72
PP: TxE interrupt
7
2
74
PP: FALT interrupt
7
3
76
PP: ACK interrupt
7
4
78
PP: PER interrupt
7
5-7
7A 7E
Not used
8
0
80
DMA1 interrupt
8
1
82
DMA2 interrupt
8
2
84
DMA3 interrupt
8
3
86
DMA4 interrupt
8
4
88
DMA5 interrupt
8
5-7
8A-8E
Not used
9-15
X
90 FE
Not used
9.1.6
Logical Interrupt Connection Diagram (Internal/External)
Figure 9–1 shows the logical connection of the interrupt sources and its relation with XINTO. The priority encoder
generates an 8-bit vector, corresponding to 64 interrupt sources (not all are used). The interrupt priorities are hard
wired. Vector 0x88 is the highest and 0x12 is the lowest.
Vector
Priority
Encoder
Interrupts
IEO (INT0)
XINTO
IEO
Figure 9–1. Internal Vector Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com