Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB5052B Datasheet(PDF) 23 Page - Texas Instruments

Part # TUSB5052B
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052B Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB5052B Datasheet HTML 19Page - Texas Instruments TUSB5052B Datasheet HTML 20Page - Texas Instruments TUSB5052B Datasheet HTML 21Page - Texas Instruments TUSB5052B Datasheet HTML 22Page - Texas Instruments TUSB5052B Datasheet HTML 23Page - Texas Instruments TUSB5052B Datasheet HTML 24Page - Texas Instruments TUSB5052B Datasheet HTML 25Page - Texas Instruments TUSB5052B Datasheet HTML 26Page - Texas Instruments TUSB5052B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
4–5
Table 4–3. Memory Mapped Registers Summary (XDATA Range = FF80
→ FFFF) (Continued)
ADDRESS
REGISTER
DESCRIPTION
FFA8
DLH1
UART1: Divisor high-byte register
FFA7
DLL1
UART1: Divisor low-byte register
FFA6
MSR1
UART1: Modem status register
FFA5
LSR1
UART1: Line status register
FFA4
MCR1
UART1: Modem control register
FFA3
FCRL1
UART1: Flow control register
FFA2
LCR1
UART1: Line control registers
FFA1
TDR1
UART1: Transmitter data registers
FFA0
RDR1
UART1: Receiver data registers
FF9F
PPADR
P-Port address register
FF9E
PPDAT
P-Port data register
FF9D
PPCTL
P-Port control register
FF9C
PPSTA
P-Port status register
FF9B
PPIMSK
P-Port interrupt mask register
FF9A
PPMCR
P-Port mode control register
FF99
PPCNT
P-Port counter register
↑
RESERVED
FF94
OEPINT
Output end-point interrupt register
FF93
IEPINT
Input end-point interrupt register
FF92
VECINT
Vector interrupt register
FF91
GLOBCTL
Global control register
FF90
ROMS
ROM shadow configuration register
↑
RESERVED
FF83
OEPBCNT_0
Output Endpoint_0: Byte count register
FF82
OEPCNFG_0
Output Endpoint_0: Configuration register
FF81
IEPBCNT_0
Input Endpoint_0: Byte count register
FF80
IEPCNFG_0
Input Endpoint_0: Configuration register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com