Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BDD160G Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM29BDD160G
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM29BDD160G Datasheet HTML 31Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 32Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 33Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 34Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 35Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 36Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 37Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 38Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
Am29BDD160G
33
Command Definitions
Writing specific address and data commands or se-
quences into the command register initiates device
operations. Tables 18-21 define the valid register
command sequences. Writing incorrect address
and data values or writing them in the improper
sequence resets the device to reading array data.
All addresses are latched on the falling edge of WE#
or CE#, whichever happens later. All data is latched
on the rising edge of WE# or CE#, whichever hap-
pens first. Refer to the AC Characteristics section for
timing diagrams.
Reading Array Data in Non-burst Mode
The device is automatically set to reading array data
after device power-up. No commands are required to
retrieve data. The device is also ready to read array
data after completing an Embedded Program or Em-
bedded Erase algorithm.
After the device accepts an Erase Suspend com-
mand, the device enters the Erase Suspend mode.
The system can read array data using the standard
read timings, except that if it reads at an address
within erase-suspended sectors, the device outputs
status data. After completing a programming opera-
tion in the Erase Suspend mode, the system may
once again read array data with the same exception.
See Sector Erase and Program Suspend Command
for more information on this mode.
The system must issue the reset command to re-en-
able the device for reading array data if DQ5 goes
high, or while in the autoselect mode. See the The
programming of the PPB Lock Bit for a given sector
can be verified by writing a PPB Lock Bit status verify
command to the device. section.
See also Asynchronous Read Operation (Non-Burst)
in the Key to Switching Waveforms section for more
information. See the Sector Erase and Program Re-
sume Command sections for more information on
this mode.
Reading Array Data in Burst Mode
The device is capable of very fast Burst mode read
operations. The configuration register sets the read
configuration, burst order, frequency configuration,
and burst length.
Upon power on, the device defaults to the asynchro-
nous mode. In this mode, CLK, and ADV# are
ignored. The device operates like a conventional
Flash device. Data is available t
ACC/ tCE nanoseconds
after address becomes stable, CE# become as-
serted. The device enters the burst mode by
enabling synchronous burst reads in the configura-
tion register. The device exits burst mode by
disabling synchronous burst reads in the configura-
tion register. (See Command Definitions).
The RESET# command will not terminate the Burst
mode. System reset (power on reset) will terminate
the Burst mode.
The device has the regular control pins, i.e. Chip En-
able (CE#), Write Enable (WE#), and Output Enable
(OE#) to control normal read and write operations.
Moreover, three additional control pins have been
added to allow easy interface with minimal glue logic
to a wide range of microprocessors / microcontrollers
for high performance Burst read capability. These
additional pins are Address Valid (ADV#) and Clock
(CLK). CE#, OE#, and WE# are asynchronous (rela-
tive to CLK). The Burst mode read operation is a
synchronous operation tied to the edge of the clock.
The microprocessor / microcontroller supplies only
the initial address, all subsequent addresses are au-
tomatically generated by the device with a timing
defined by the Configuration Register definition. The
Burst read cycle consists of an address phase and a
corresponding data phase.
During the address phase, the Address Valid (ADV#)
pin is asserted (taken Low) for one clock period. To-
gether with the edge of the CLK, the starting burst
address is loaded into the internal Burst Address
Counter. The internal Burst Address Counter can be
configured to either the Linear modes (See “Initial
Access Delay Configuration”).
57h
AEh
0002h
Bank Organization (1 byte)
00 = If data at 4Ah is zero
XX = Number of banks
58h
B0h
000Fh
Bank 1 Region Information (1 byte)
XX = Number of Sectors in Bank 1
59h
B2h
001Fh
Bank 2 Region Information (1 byte)
XX = Number of Sectors in Bank 2
5Ah
B4h
0000h
Bank 3 Region Information (1 byte)
XX = Number of Sectors in Bank 3
5Bh
B6h
0000h
Bank 4 Region Information (1 byte)
XX = Number of Sectors in Bank 4
Table 17. CFI Primary Vendor-Specific Extended Query (Sheet 3 of 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com