Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BDD160G Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29BDD160G
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29BDD160G Datasheet HTML 8Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 9Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 10Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 11Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 12Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 13Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 14Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 15Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
10
Am29BDD160G
Ordering Information
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be
supported in volume for this device. Consult the local
AMD sales office to confirm availability of specific
valid combinations and to check on newly released
combinations.
Am29BDD160
G T
54
D PB
E
TEMPERATURE RANGE
I
=
Industrial (–40°C to +85°C)
F
=
Industrial (–40°C to +85°C) with Pb-Free Package
E=
Extended (-40°C to +125°C)
K=
Extended (-40°C to +125°C) with Pb-Free Package
PACKAGE TYPE
K
=
80-Pin Plastic Quad Flat Package (PQFP) PQR080
PB
=
80-Ball Fortified Ball Grid Array (Fortified BGA)
1.0 mm pitch, 13 x 11 mm package (LAA080)
CLOCK RATE
A=
40 MHz
C=
56 MHz
D=
66 MHz
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
PROCESS TECHNOLOGY
G=
0.17 µm
DEVICE NUMBER/DESCRIPTION
Am29BDD160
16 Megabit (2 M x 16-Bit/512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode
Dual Boot, Simultaneous Operation Flash Memory
Valid Combinations for PQFP Packages
Am29BDD160GT54D
Am29BDD160GB54D
KI, KE,
KF, KK
Am29BDD160GT64C
Am29BDD160GB64C
Am29BDD160GT65A
Am29BDD160GB65A
Valid Combinations for Fortified BGA Packages
Order Number
Package Marking
Am29BDD160GT54D
Am29BDD160GB54D
PBI,
PBE
BD160GT54D
BD160GB54D
I, E,
F, K
Am29BDD160GT64C
Am29BDD160GB64C
BD160GT64C
BD160GB64C
Am29BDD160GT65A
Am29BDD160GB65A
BD160GT65A
BD160GB65A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com