Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BDD160G Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # AM29BDD160G
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button AM29BDD160G Datasheet HTML 58Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 59Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 60Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 61Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 62Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 63Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 64Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 65Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
60
Am29BDD160G
AC CHARACTERISTICS
Asynchronous Read Operations
Note:
1. Not 100% tested.
2. See Figure 12 and Table 24 for test specifications
Parameter
Description
Test Setup
Speed Options
Unit
JEDEC
Std.
54D 64C 65A
tAVAV
tRC
Read Cycle Time (Note 1)
Max
54
64
67
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE# = VIL
Max
54
64
67
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
58
69
71
ns
tGLQV
tOE
Output Enable to Output Delay
Max
20
28
ns
tEHQZ
tDF
Chip Enable to Output High Z (Note 1)
Max
10
ns
tGHQZ
tDF
Output Enable to Output High Z (Note 1)
Min
2
ns
Max
10
ns
Read
Min
0
ns
tOEH
Output Enable Hold
Time (Note 1)
Toggle and
Data# Polling
Min
10
ns
tAXQX
tOH
Output Hold Time From Addresses, CE#
or OE#, Whichever Occurs First (Note 1)
Min
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com