Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPB3443LT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LPB3443LT3G
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LPB3443LT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LPB3443LT3G Datasheet HTML 1Page - Leshan Radio Company LPB3443LT3G Datasheet HTML 2Page - Leshan Radio Company LPB3443LT3G Datasheet HTML 3Page - Leshan Radio Company LPB3443LT3G Datasheet HTML 4Page - Leshan Radio Company LPB3443LT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1. FEATURES
●
VDS = -20V
●
RDS(ON),VGS@-4.5V,IDS@-4.7A=70mΩ
●
RDS(ON),VGS@-2.5V,IDS@-1.0A=110mΩ
●
We declare that the material of product compliance with
RoHS requirements and Halogen Free.
●
S- prefix for automotive and other applications requiring
unique site and control change requirements; AEC-Q101
qualified and PPAP capable.
●
ESD rating of class 0 (<100V)per Human Body Model
2. APPLICATIONS
●
Advanced trench process technology
●
High density cell design for ultra low on-resistance.
3. DEVICE MARKING AND ORDERING INFORMATION
4. MAXIMUM RATINGS(Ta = 25ºC)
– Continuous TA = 25°C
– Pulsed (Note 1)
5. THERMAL CHARACTERISTICS
Power Dissipation
Thermal Resistance,
Junction–to–Ambient(Note 2)
Junction and Storage temperature
1.Repetitive Rating: Pulse width limited by the maximum junction temperature.
2.1-in²2oz Cu PCB board.
Device
Gate–to–Source Voltage – Continuous
VGS
±12
LPB 3443LT1G
S-LPB 3443LT1G
20V P-Channel Enhancement-Mode MOSFET
-20
Unit
Drain–Source Voltage
VDSS
Marking
Shipping
LPB3443LT1G
P34
3000/Tape&Reel
Drain Current
V
V
A
Unit
1.1
ID
-4.7
IDM
-20
LPB3443LT3G
P34
10000/Tape&Reel
Parameter
Symbol
Limits
Parameter
Symbol
Limits
W
PD
−55
∼+150
TJ,Tstg
RΘJA
110
ºC/W
ºC
SOT23LC
Leshan Radio Company, LTD.
Rev.B Nov 2018
1/5
1
2
3


Similar Part No. - LPB3443LT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LPB3407LT1G LRC-LPB3407LT1G Datasheet
731Kb / 6P
30V P-Channel Enhancement-Mode MOSFET
LPB3407LT3G LRC-LPB3407LT3G Datasheet
731Kb / 6P
30V P-Channel Enhancement-Mode MOSFET
LPB3408LT1G LRC-LPB3408LT1G Datasheet
525Kb / 5P
30V P-Channel (D-S) MOSFET VDS = -30V
LPB3408LT3G LRC-LPB3408LT3G Datasheet
525Kb / 5P
30V P-Channel (D-S) MOSFET VDS = -30V
More results

Similar Description - LPB3443LT3G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com