Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXD611P7 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXD611P7
Description  600V, 600 mA High & Low-side Driver for N-Channel MOSFETs and IGBTs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD611P7 Datasheet(HTML) 1 Page - IXYS Corporation

  IXD611P7 Datasheet HTML 1Page - IXYS Corporation IXD611P7 Datasheet HTML 2Page - IXYS Corporation IXD611P7 Datasheet HTML 3Page - IXYS Corporation IXD611P7 Datasheet HTML 4Page - IXYS Corporation IXD611P7 Datasheet HTML 5Page - IXYS Corporation IXD611P7 Datasheet HTML 6Page - IXYS Corporation IXD611P7 Datasheet HTML 7Page - IXYS Corporation IXD611P7 Datasheet HTML 8Page - IXYS Corporation IXD611P7 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
IXD611
© 2007 IXYS CORPORATION All rights reserved
Features
• Floating High Side Driver with boot-strap Power
supply along with a Low Side Driver.
• Fully operational to 600V
• ± 50V/ns dV/dt immunity
• Gate drive power supply range: 10 - 35V
• Undervoltage lockout for both output drivers
• Outputs are in phase with inputs
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes
• Latch-Up protected over entire
operating range
• High peak output current: ± 600 mA
• Matched propagation delay for both outputs
• Low output impedance
• Low power supply current
• Immune to negative voltage transients
First Release
General Description
The IXD611, with its two inputs referenced to ground, has high
speed low side and high side gate ouptuts to drive either a pair
of N-channel MOSFETs or IGBTs in a half-bridge totem pole
configuration. The High Side driver can control a MOSFET or
IGBT connected to a positive high voltage up to 600V. The logic
input stages are compatible with TTL or CMOS, have built-in
hysteresis and are fully immune to latch up over the entire
operating range. The IXD611 can withstand dV/dt on the output
side up to ± 50V/ns.
The IXD611 comes in either the 8-PIN PDIP (IXD611P1), 8-PIN
SOIC (IXD611S1), 14-PIN PDIP (IXD611P7), or the 14-PIN
SOIC (IXD611S7) packages.
Applications
• Driving MOSFETs and IGBTs in half-bridge circuits
• High voltage, high side and low side drivers
• Motor Controls
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• Class D Switching Amplifiers
Warning: The IXD611 is ESD sensitive.
DS99198A(10/07)
Up to 600V
To Load
VCC
HIN
LIN
GND
VCL
HIN
LIN
DG
VCH
HGO
HS
LS
LGO
Figure 1A. Typical Circuit for IXD611P7/S7
Figure 1B. Typical Circuit for IXD611P1/S1
600V, 600 mA High & Low-side Driver
for N-Channel MOSFETs and IGBTs
Up to 600V
To Load
LGO
HGO
HS
VCH
VCL
HIN
LIN
LS
VCC
GND
LIN
HIN
IXD611
IXD611P1
8-PIN DIP
IXD611P7
14-PIN DIP
IXD611S1
8-PIN SOIC
IXD611S7
14-PIN SOIC
Ordering Information
Part Number
Package Type


Similar Part No. - IXD611P7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXD611P7 IXYS-IXD611P7 Datasheet
278Kb / 14P
600V, 600 mA High and Low-side Driver
More results

Similar Description - IXD611P7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG20N60A4 FAIRCHILD-HGTG20N60A4 Datasheet
140Kb / 8P
600V, SMPS Series N-Channel IGBTs
HGTP12N60A4 FAIRCHILD-HGTP12N60A4 Datasheet
229Kb / 8P
600V, SMPS Series N-Channel IGBTs
logo
Intersil Corporation
HGTG20N60A4 INTERSIL-HGTG20N60A4 Datasheet
354Kb / 9P
600V, SMPS Series N-Channel IGBTs
October 1999
logo
Fairchild Semiconductor
HGT1S20N60A4S9A FAIRCHILD-HGT1S20N60A4S9A Datasheet
908Kb / 8P
600V, SMPS Series N-Channel IGBTs
logo
List of Unclassifed Man...
6SD106E ETC1-6SD106E Datasheet
376Kb / 12P
Six-pack SCALE Driver for IGBTs and Power MOSFETs
2SD315AI ETC2-2SD315AI Datasheet
351Kb / 15P
Dual SCALE Driver Core for IGBTs and Power MOSFETs
2SD106AI ETC1-2SD106AI Datasheet
210Kb / 12P
2SD106AI Dual SCALE Driver Core for IGBTs and Power MOSFETs
logo
IXYS Corporation
IXD611S1 IXYS-IXD611S1 Datasheet
278Kb / 14P
600V, 600 mA High and Low-side Driver
logo
International Rectifier
IRS2526DSPBF IRF-IRS2526DSPBF_15 Datasheet
33Kb / 1P
600V half-bridge high- and low-side gate driver
logo
Renesas Technology Corp
RAJ2930004AGM RENESAS-RAJ2930004AGM Datasheet
740Kb / 10P
Gate Driver IC for IGBTs and SiC MOSFETs
Feb. 2023 Rev0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com