Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXD611P7 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXD611P7
Description  600V, 600 mA High & Low-side Driver for N-Channel MOSFETs and IGBTs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD611P7 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IXD611P7 Datasheet HTML 2Page - IXYS Corporation IXD611P7 Datasheet HTML 3Page - IXYS Corporation IXD611P7 Datasheet HTML 4Page - IXYS Corporation IXD611P7 Datasheet HTML 5Page - IXYS Corporation IXD611P7 Datasheet HTML 6Page - IXYS Corporation IXD611P7 Datasheet HTML 7Page - IXYS Corporation IXD611P7 Datasheet HTML 8Page - IXYS Corporation IXD611P7 Datasheet HTML 9Page - IXYS Corporation IXD611P7 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
IXD611
IXYS reserves the right to change limits, test conditions, and dimensions.
Timing Waveform Definitions
Figure 6. Definitions of Delay Matching Waveforms
Figure 5. Definitions of Switching Time Waveforms
50%
50%
10%
90%
Outgoing Signal
HIN
LIN
HGO
LGO
LGO
HGO
tdm
tdm
50%
50%
HIN
LIN
10%
10%
HGO
LGO
90%
90%
tdon
tdoff
tr
tf
Figure 4. INPUT/OUPUT Timing Diagram
~
~
~
~
300kHz
1MHz
600V
400V
0
f
PWM
Sa
mp
le
Tes
ted
for
Op
era
tion
500V
100kHz
Figure 7. Device operating range: Buss voltage vs. Frequency
Tested in typical circuit configuration (refer to Figure 9 & 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com