Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXD611P7 Datasheet(PDF) 8 Page - IXYS Corporation

Part # IXD611P7
Description  600V, 600 mA High & Low-side Driver for N-Channel MOSFETs and IGBTs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD611P7 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IXD611P7 Datasheet HTML 4Page - IXYS Corporation IXD611P7 Datasheet HTML 5Page - IXYS Corporation IXD611P7 Datasheet HTML 6Page - IXYS Corporation IXD611P7 Datasheet HTML 7Page - IXYS Corporation IXD611P7 Datasheet HTML 8Page - IXYS Corporation IXD611P7 Datasheet HTML 9Page - IXYS Corporation IXD611P7 Datasheet HTML 10Page - IXYS Corporation IXD611P7 Datasheet HTML 11Page - IXYS Corporation IXD611P7 Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
IXD611
IXYS reserves the right to change limits, test conditions, and dimensions.
V
CH
HGO
HS
V
CL
LGO
HIN
LIN
LS
1k
1k
HIN
LIN
1
2
3
4
VIN+
VOUT-
VOUT+
GND
VOUT-
VOUT+
1uF/35V MLCC
1k
V
CL
1uF/35V MLCC
10uF/35V
51
5.1
1N5817
1N5817
5.1
51
0.1uF/1kV
Up to 600V
V
CL
1
10
11
12
15
14
5
6
7
8
IXCP
10M90S
1
2
3
30
IXTH14N60P
IXTH14N60P
Figure 10. Test circuit for low frequency, 75kHz, operation.
V
CH, VCL = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com