Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXS839 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXS839
Description  Synchronous Buck MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXS839 Datasheet(HTML) 1 Page - IXYS Corporation

  IXS839 Datasheet HTML 1Page - IXYS Corporation IXS839 Datasheet HTML 2Page - IXYS Corporation IXS839 Datasheet HTML 3Page - IXYS Corporation IXS839 Datasheet HTML 4Page - IXYS Corporation IXS839 Datasheet HTML 5Page - IXYS Corporation IXS839 Datasheet HTML 6Page - IXYS Corporation IXS839 Datasheet HTML 7Page - IXYS Corporation IXS839 Datasheet HTML 8Page - IXYS Corporation IXS839 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Synchronous Buck MOSFET Driver
IXYS
Copyright © IXYS CORPORATION 2004
IXS839 / IXS839A / IXS839B
Features:
• Logic Level Gate Drive Compatible
• 2A Source, 4A Sink Peak Drive Current
• Programmable High-Side Driver Turn-on Delay
• Supports Floating Voltage for Top Driver Up to
24V
• IXS839/839B: Undervoltage Lockout
• IXS839A/B: Output Shutdown, Low Side
Shutdown Inputs
• 10µA Shut Down Current
• 2mA Quiescent Current (Non- Switching)
• Bootstrapped High Side Driver
• Cross-Conduction Protection
Applications:
• Multiphase Desktop CPU Supplies
• Mobile CPU Core Voltage supplies
• High Current / Low Voltage DC/DC
Synchronous Buck Converters
General Description
The IXS839/IXS839A/IXS839B are 2A Source / 4A
Sink Synchronous Buck MOSFET Drivers. These
Synchronous Buck MOSFET Drivers are specifically
designed to drive two N-channel power MOSFETs
in a synchronous buck converter. The High-Side
driver is powered via a bootstrapped power
connection. The driver is capable of 20ns High-Side
output, and 18ns Low-Side output transition times
driving a 3000pF load.
The
IXS839
and
IXS839B
incorporate
an
undervoltage lockout to prevent unintentional gate
drive output during low voltage conditions. The
IXS83A/B include External Shutdown and Low-Side
Drive Shutdown features. Simultaneous shutdown
of both outputs prevents rapid output capacitor
discharge. The high-side turn-on delay is adjustable
with an external capacitor added at the DLY pin.
The IXS839/839A/839B are designed to operate
over a temperature range of -40°C to +85°C. The
IXS839 is available in an 8-Lead SOIC, the
IXS839A and the IXS839B in a 10-pin QFN.
Figure 1. IXS839 Functional Block Diagram
Figure 2. IXS839A Functional Block Diagram
and General Application Circuit
and General Application Circuit
UVLO
OVERLAP
PROTECTION
CIRCUIT
CDLY
DLY
PWM
2
3
VDD
BST
HGD
SW
LGD
PGND
CBST
VIN
5V
DBST
4
1
8
7
5
6
VOUT
Q1
Q2
OVERLAP
PROTECTION
CIRCUIT
CDLY
DLY
7
VDD
BST
HGD
SW
LGD
PGND
CBST
VIN
5V
DBST
8
3
2
1
9
10
LSD
6
PWM
5
4
SD
VOUT
Q1
Q2


Similar Part No. - IXS839

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSA10N60B2D1 IXYS-IXSA10N60B2D1 Datasheet
589Kb / 6P
High Speed IGBT with Diode
IXSA15N120B IXYS-IXSA15N120B Datasheet
84Kb / 2P
S Series - Improved SCSOA Capability
IXSA16N60 IXYS-IXSA16N60 Datasheet
48Kb / 2P
Low V CE(sat) IGBT - Short Circuit SOA Capability
IXSA20N60B2D1 IXYS-IXSA20N60B2D1 Datasheet
181Kb / 6P
High Speed IGBT
IXSH10N120AU1 IXYS-IXSH10N120AU1 Datasheet
37Kb / 2P
IGBT with Diode
More results

Similar Description - IXS839

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9612A RICHTEK-RT9612A Datasheet
213Kb / 15P
Synchronous-Rectified Buck MOSFET Driver
logo
ON Semiconductor
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
NCP81145 ONSEMI-NCP81145 Datasheet
129Kb / 9P
Compatible Synchronous Buck MOSFET Driver
December, 2013 ??Rev. 0
NCP81151 ONSEMI-NCP81151 Datasheet
133Kb / 9P
Compatible Synchronous Buck MOSFET Driver
April, 2015 ??Rev. 4
NCP81151B ONSEMI-NCP81151B Datasheet
92Kb / 9P
Compatible Synchronous Buck MOSFET Driver
December, 2015 ??Rev. 0
NCP81158 ONSEMI-NCP81158 Datasheet
83Kb / 8P
Synchronous Buck MOSFET Driver
August, 2016 ??Rev. 0
logo
Infineon Technologies A...
PX3517 INFINEON-PX3517 Datasheet
1Mb / 20P
Synchronous Rectified Buck MOSFET driver IC
Revision 2.4, 2015-10-20
logo
ON Semiconductor
NCP81158D ONSEMI-NCP81158D Datasheet
81Kb / 8P
Synchronous Buck MOSFET Driver
April, 2017 ??Rev. 1
NCP81258 ONSEMI-NCP81258 Datasheet
89Kb / 9P
Synchronous Buck MOSFET Driver
June, 2017 ??Rev. P0
logo
Renesas Technology Corp
RAA220001 RENESAS-RAA220001 Datasheet
267Kb / 15P
Synchronous Rectified Buck MOSFET Driver
Jul.11.19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com