Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXS839 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXS839
Description  Synchronous Buck MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXS839 Datasheet(HTML) 3 Page - IXYS Corporation

  IXS839 Datasheet HTML 1Page - IXYS Corporation IXS839 Datasheet HTML 2Page - IXYS Corporation IXS839 Datasheet HTML 3Page - IXYS Corporation IXS839 Datasheet HTML 4Page - IXYS Corporation IXS839 Datasheet HTML 5Page - IXYS Corporation IXS839 Datasheet HTML 6Page - IXYS Corporation IXS839 Datasheet HTML 7Page - IXYS Corporation IXS839 Datasheet HTML 8Page - IXYS Corporation IXS839 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IXYS
3
IXS839 / IXS839A / IXS839B
Pin Description and Configurations
IXS839
IXS839A
IXS839B
Name
Description
1
3
10
BST
Upper Gate Driver Floating DC Power Terminal for Bootstrap
Capacitor Connection.
2
5
2
PWM
TTL-level Input Signal with active pull-down. PWM input to the
Gate Drivers.
3
7
4
DLY
Terminal for External Delay Capacitor Connection. Capacitor
to Ground at this pin adds propagation delay from Lower Gate
Driver going Low to the Upper Gate Driver going High.
tDLY (nS) = CDLY (pF) x (0.5nS/pF)
4
8
5
VDD
Positive Supply Terminal for Logic and Lower Gate Driver. A
ceramic bypass capacitor of 1uF should be connected from
VDD to PGND.
5
9
6
LGD
Lower Gate Driver Output Terminal
6
10
7
PGND
Lower Gate Driver DC Power Return Terminal, Logic and
Analog Ground
7
1
8
SW
Upper Gate Driver Floating DC Power Return Terminal
8
2
9
HGD
Upper Gate Driver Output Terminal
N/A
4
1
__
SD
TTL-level Shut Down Input Signal with active pull-up.
SD
enables normal operation when high. When SD is low,
the driver outputs are forced low and IDD is at its minimum.
N/A
6
3
___
LSD
TTL-level Low Side Shut Down Input Signal with active pull-
up. LSD, when low forces the Lower Gate Driver output low.
When LSD is high, the lower Gate Driver output is enabled.
SOIC and QFN Top View Pin Configurations
HGD
PGND
8
7
6
5
1
2
3
4
SW
LGD
BST
PWM
DLY
VDD
IXS839S1
PWM
1
2
3
4
5
6
7
8
9
10
SD
LSD
DLY
VDD
BST
HGD
SW
PGND
LGD
IXS839BQ2
PWM
1
2
3
4
5
6
7
8
9
10
DLY
VDD
BST
HGD
SW
PGND
LGD
IXS839AQ2
SD
LSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com