Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXS839 Datasheet(PDF) 8 Page - IXYS Corporation

Part # IXS839
Description  Synchronous Buck MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXS839 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IXS839 Datasheet HTML 3Page - IXYS Corporation IXS839 Datasheet HTML 4Page - IXYS Corporation IXS839 Datasheet HTML 5Page - IXYS Corporation IXS839 Datasheet HTML 6Page - IXYS Corporation IXS839 Datasheet HTML 7Page - IXYS Corporation IXS839 Datasheet HTML 8Page - IXYS Corporation IXS839 Datasheet HTML 9Page - IXYS Corporation IXS839 Datasheet HTML 10Page - IXYS Corporation IXS839 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IXYS
8
IXS839 / IXS839A / IXS839B
Typical Performance Characteristics
Tpd_hgd1
Vdd=5V
Cl=3nF
0
10
20
30
40
50
-40
-15
10
35
60
85
Tpd_hgd2
Ta (°C)
Tpd_lgd1
Cl=3nF
Vdd=5V
Tpd_lgd2
0
10
20
30
40
50
-40
-15
10
35
60
85
Ta (°C)
Fig 13. HGD Propagation Delay vs. Temperature
Fig 14. LGD Propagation Delay vs. Temperature
Ta=25C
Cl=3nF
Vdd=5V
0
30
60
90
120
0
500
1000
1500
2000
Frequency (kHz)
Cl=3nF
Vdd=5V
0
5
10
15
20
-40
-15
10
35
60
85
250kHz
Ta (°C)
Fig 15. Supply Current vs. Frequency
Fig 16. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com