Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5758 Datasheet(PDF) 32 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5758 Datasheet HTML 28Page - Analog Devices AD5758 Datasheet HTML 29Page - Analog Devices AD5758 Datasheet HTML 30Page - Analog Devices AD5758 Datasheet HTML 31Page - Analog Devices AD5758 Datasheet HTML 32Page - Analog Devices AD5758 Datasheet HTML 33Page - Analog Devices AD5758 Datasheet HTML 34Page - Analog Devices AD5758 Datasheet HTML 35Page - Analog Devices AD5758 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
AD5758
Data Sheet
Rev. 0 | Page 32 of 72
Transfer Function
Table 8 shows the input code to ideal output voltage relationship
for the AD5758 for straight binary data coding of the ±5 V
output range.
Table 8. Ideal Output Voltage to Input Code Relationship
Digital Input, Straight Binary
Data Coding
Analog Output
MSB
LSB
VOUT
1111
1111
1111
1111
+2 VREF × (32,767/32,768)
1111
1111
1111
1110
+2 VREF × (32,766/32,768)
1000
0000
0000
0000
0 V
0000
0000
0000
0001
−2 VREF × (32,767/32,768)
0000
0000
0000
0000
−2 VREF
POWER-ON STATE OF THE AD5758
On initial power-on or a device reset of the AD5758, the voltage
and current output channels are disabled. The VIOUT fault
protection switch is open, as is the switch connecting VIOUT via
a 30 kΩ pull-down resistor to AGND. Both of these switches can
be enabled via the DCDC_CONFIG1 register and the DCDC_
CONFIG2 register, respectively. VDPC+ is internally driven to
4.8 V on power-on, until the dc-to-dc converter is enabled.
After device power-on, or a device reset, a calibration memory
refresh command is required (see the Programming Sequence
to Enable the Output section). It is recommended to wait 500
μs minimum after writing this command, before writing further
instructions to the device to allow time for internal calibrations
to take place (see Figure 92).
Power-On Reset
3.3V
LDO
POWER-ON
RESET
SOFTWARE
RESET
HARDWARE
RESET
INT_AVCC
RESET
SDI
SCLK
VLDO
AVDD2
SYNC
Figure 76. Power-On Reset Block Diagram
The AD5758 incorporates a power-on reset circuit that ensures the
AD5758 is held in reset while the power supplies are at a level
insufficient to allow reliable operation. The power-on reset
circuit (see Figure 76) monitors the AVDD2 generated VLDO and
INT_AVCC voltages, the RESET pin, and the SPI reset signal.
The power-on reset circuit keeps the AD5758 in reset until the
voltages on the VLDO and INT_AVCC nodes are sufficient for
reliable operation. If the power-on circuit receives a signal from
the RESET pin, or if a software reset is written to the AD5758 via
the SPI interface, the AD5758 is reset. Do not write SPI commands
to the device within 100 μs of a reset event.
POWER SUPPLY CONSIDERATIONS
The AD5758 has four supply rails: AVDD1, AVDD2, AVSS, and
VLOGIC. See Table 1 for the voltage range of the four supply rails
and the associated conditions.
AVDD1 Considerations
AVDD1 is the supply rail for the dc-to-dc converter and can range
from 7 V to 33 V. Although the maximum value of AVDD1 is 33 V
and the minimum value of AVSS is −33 V, the maximum operating
range of |AVDD1 to AVSS| is 60 V. VDPC+ is derived from AVDD1, and its
value depends on the mode of operation of the dc-to-dc converter.
The dc-to-dc converter requires a sufficient level of margin to be
maintained between AVDD1 and VDPC+ to ensure the dc-to-dc
circuitry operates correctly. This margin is 5% of the maximum
VDPC+ voltage for a given mode of operation.
Table 9. AVDD1 to VDPC+ Margin
Mode of Operation
VDPC+ Maximum
DPC Voltage Mode
15 V
DPC Current Mode
(IOUT maximum × RLOAD) + IOUT headroom
PPC Current Mode
DCDC_CONFIG1[4:0] programmed value
See the Power Dissipation Control section for further details on
the dc-to-dc converter modes of operation.
Assuming DPC current mode,
IOUT maximum = 20 mA; RLOAD = 1 kΩ
IOUT headroom = 2.5 V
VDPC+ maximum = 20 V + 2.5 V = 22.5 V
|VDPC+ to AVDD1| headroom can be calculated as 5% of 22.5 V =
1.125 V. Therefore, AVDD1 (minimum) = 22.5 V + 1.125 V =
23.625 V. Assuming a worst case AVDD1 supply rail tolerance of
±10%, this example requires an AVDD1 supply rail of
approximately 26.25 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com