Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5758 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5758 Datasheet HTML 2Page - Analog Devices AD5758 Datasheet HTML 3Page - Analog Devices AD5758 Datasheet HTML 4Page - Analog Devices AD5758 Datasheet HTML 5Page - Analog Devices AD5758 Datasheet HTML 6Page - Analog Devices AD5758 Datasheet HTML 7Page - Analog Devices AD5758 Datasheet HTML 8Page - Analog Devices AD5758 Datasheet HTML 9Page - Analog Devices AD5758 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
AD5758
Data Sheet
Rev. 0 | Page 6 of 72
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CURRENT OUTPUT ACCURACY
(INTERNAL RSET)
Unipolar Ranges
4 mA to 20 mA, 0 mA to 20 mA, and 0 mA to
24 mA ranges
TUE
−0.12
+0.23
% FSR
TUE Long-Term Stability1
380
ppm FSR
Drift after 1000 hours, TJ = 150°C
Output Drift
6
21
ppm FSR/°C
Output drift
INL
−0.01
+0.01
% FSR
DNL
−1
+1
LSB
Guaranteed monotonic
Zero-Scale Error
−0.06
±0.002
+0.06
% FSR
Zero-Scale TC2
±0.5
ppm FSR/°C
Offset Error
−0.06
±0.001
+0.06
% FSR
Offset Error TC2
±1
ppm FSR/°C
Gain Error
−0.12
±0.005
+0.18
% FSR
Gain Error TC2
±4.5
ppm FSR/°C
Full-Scale Error
−0.15
±0.005
0.23
% FSR
Full-Scale Error TC2
±3.5
ppm FSR/°C
Bipolar Ranges
±20 mA, ±24 mA, and −1 mA to +22 mA ranges
TUE
−0.15
+0.23
% FSR
TUE Long-Term Stability1
380
ppm FSR
Drift after 1000 hours, TJ = 150°C
Output Drift
12
22
ppm FSR/°C
Output drift
INL
−0.01
+0.01
% FSR
DNL
−1
+1
LSB
Guaranteed monotonic
Zero-Scale Error
−0.06
±0.002
+0.06
% FSR
Zero-Scale TC2
±0.5
ppm FSR/°C
Bipolar Zero Error
−0.02
±0.002
+0.02
% FSR
Bipolar Zero Error TC2
±0.3
ppm FSR/°C
Offset Error
−0.15
±0.004
+0.15
% FSR
Offset Error TC2
±10
ppm FSR/°C
Gain Error
−0.3
±0.007
+0.3
% FSR
Gain Error TC2
±23
ppm FSR/°C
Full-Scale Error
−0.14
±0.005
0.16
% FSR
Full-Scale Error TC2
±10
ppm FSR/°C
CURRENT OUTPUT
CHARACTERISTICS
Headroom
1.6
2.5
V
With respect to VDPC+ supply; the current
output compliance voltage associated with
this headroom margin is VDPC+ − 2.5 V
Footroom
1.7
2.5
V
With respect to AVSS supply
Resistive Load2
1000
Ω
The dc-to-dc converter is characterized with
a maximum load of 1 kΩ, chosen such that
headroom/footroom compliance is not exceeded
Output Impedance
100
MΩ
Midscale output
DC PSRR
0.1
μA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com