Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5758 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5758 Datasheet HTML 16Page - Analog Devices AD5758 Datasheet HTML 17Page - Analog Devices AD5758 Datasheet HTML 18Page - Analog Devices AD5758 Datasheet HTML 19Page - Analog Devices AD5758 Datasheet HTML 20Page - Analog Devices AD5758 Datasheet HTML 21Page - Analog Devices AD5758 Datasheet HTML 22Page - Analog Devices AD5758 Datasheet HTML 23Page - Analog Devices AD5758 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
AD5758
Data Sheet
Rev. 0 | Page 20 of 72
–15
–10
–5
0
5
10
15
20
012
3
4567
89
10
TIME (Seconds)
AVDD1 = VDPC+ = +15V
AVSS = –15V
0V TO 10V RANGE
OUTPUT UNLOADED
TA = 25°C
Figure 25. Peak-to-Peak Noise (0.1 Hz to 10 Hz Bandwidth)
–400
–300
–200
–100
0
100
200
300
400
01
23
45
67
89
10
TIME (ms)
AVDD1 = VDPC + = 15V
AVSS = –15V
TA = 25°C
0V TO 10V RANGE – MIDSCALE CODE
OUTPUT UNLOADED
Figure 26. Peak-to-Peak Noise (100 kHz Bandwidth)
1.00µs
3
4
CH3 2.00V
CH4 50.0mV
B
W
B
W
AVDD1 = VDPC+ = +15V
AVSS = –15V
±10V RANGE MIDSCALE CODE
TA = 25°C
10kΩ LOAD
CLOAD = 220pF
SYNC
VOUT
Figure 27. VOUT vs. Time on Output Enable
1.00µs
3
4
CH3 5.00V
CH4 10.0mV
B
W
B
W
AVDD1 = VDPC+ = +15V
AVSS = –15V
TA = 25°C
10kΩ LOAD
CLOAD = 220pF
Figure 28. VOUT vs. Time on Power-Up
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AVDD2 = 15V
VDPC+ = 15V
AVSS = –15V
1kΩ LOAD
CLOAD = 220pF
Figure 29. VOUT PSRR vs. Frequency
2.00µs
2
4
CH2 10.0mV
CH4 10.0mV
B
W
B
W
AVDD1 = VDPC+ = +15V
AVSS = –15V
±10V RANGE MIDSCALE CODE
TA = 25°C
10kΩ LOAD
CLOAD = 220pF
VDPC+
VOUT
Figure 30. Voltage Output Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com