Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154BCPZ Datasheet(PDF) 76 Page - Analog Devices

Part # AD9154BCPZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154BCPZ Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9154BCPZ Datasheet HTML 72Page - Analog Devices AD9154BCPZ Datasheet HTML 73Page - Analog Devices AD9154BCPZ Datasheet HTML 74Page - Analog Devices AD9154BCPZ Datasheet HTML 75Page - Analog Devices AD9154BCPZ Datasheet HTML 76Page - Analog Devices AD9154BCPZ Datasheet HTML 77Page - Analog Devices AD9154BCPZ Datasheet HTML 78Page - Analog Devices AD9154BCPZ Datasheet HTML 79Page - Analog Devices AD9154BCPZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 76 of 124
NORMAL AND MIX MODES OF OPERATION
INPUT
DATA
DACCLK
TWO-SWITCH
DAC OUTPUT
QUAD-SWITCH
DAC OUTPUT
(NORMAL MODE)
t
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10
D6
D7
D8
D9 D10
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10
D1
D2
D3
D4
D5
t
Figure 81. Two-Switch and Quad-Switch DAC Waveforms
The DAC cores have a quad-switch architecture. During each
DACCLK cycle, one input sample is presented twice. Figure 81
shows the time domain DAC core output when operating in
normal mode (default). In normal mode, the same output signal
is presented twice during each DAC clock cycle. The DAC
output mode is selected using Bit 0 of Register 0x04A.
Figure 82 depicts a time domain DAC output signal in mix mode.
During each DACCLK cycle, the input sample is presented at
the output on the rising edge and the inverse of the input sample is
presented at the output on the falling edge of DACCLK.
INPUT
DATA
DACCLK
QUAD-SWITCH
DAC OUTPUT
(
fS MIX MODE)
–D6
–D7
–D8
–D9
–D10
D6
D7
D8
D9
D10
–D1
–D2
–D3
–D4
–D5
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10
D1
D2
D3
D4
D5
t
Figure 82. Mix Mode Waveform
Figure 83 is a depiction of the uncompensated DAC SINC roll-off
for normal (or baseband) mode and for mix mode. In normal
mode, the first Nyquist zone copy of the output signal has the
highest amplitude. The output sampling images in the second
and third Nyquist zones are attenuated. In MIX mode, the
second and third Nyquist zone sampling images are emphasized,
and the first Nyquist zone signal is attenuated.
This ability to change modes provides the user the flexibility to
place a carrier anywhere in the first three Nyquist zones, depending
on the operating mode selected. Switching between baseband
and mix mode reshapes the sinc roll-off inherent at the DAC
output.
NORMALIZED FREQUENCY RELATIVE TO
fDACCLK (Hz)
0
1.50
1.25
1.00
0.75
0.50
0.25
–35
–30
–25
–20
–15
–10
–5
0
FIRST
NYQUIST ZONE
SECOND
NYQUIST ZONE
THIRD
NYQUIST ZONE
MIX MODE
BASEBAND
MODE
Figure 83. Sinc Roll-Off for Normal Mode and Mix-Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com